Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-HRRN-XXX Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # AM-HRRN-XXX
Description  AM SUPER REGENERATIVE RECEIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRRN-XXX Datasheet(HTML) 2 Page - rfsolutions.ltd

  AM-HRRN-XXX Datasheet HTML 1Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 2Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 3Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 4Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS016-13
August 06
©2006 Reg No 277 4001, England
Page 2
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
Products From 250-450MHz
The following modules are available from stock as 315, 418, 433MHz, although any frequency between
250-450MHz is available.
Part Number
315
433
Description
AM-HRR3-XXX
Standard Receiver
AM-HRR6-XXX
Low Power version (0.5mA)
AM-HRR8-XXX
Low Voltage (3V), Low Power (0.5mA)
AM-HRR10-XXX
Rx with passive front end Filter
AM-HRR11-XXX
Low Power version (0.3mA)
AM-HRR16-XXX
SIL AM Receiver Module with SAW filter
AM-HRR16-XXX-S
SIL AM Receiver Module with Metal Shield & SAW filter
AM-HRR18-XXX
Low Voltage (3V), and Very Low Power (70uA)
Mechanical Details
Dimensions for AM-HRR3, AM-HRR6, AM-HRR8, AM-HRR10, AM-HRR11:
Dimensions for AM-HRR16-XXX & AM-HRR16-XXX-S:
Dimensions for AM-HRR18-XXX:
Component Side
13
38.1mm
12.7mm
2.54mm
710
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
4mm
Component Side
23
40.64mm
16.51mm
2.54mm
7
11
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
5mm
AM-HRR16-433
Component Side
23
40.13mm
16.51mm
2.54mm
711
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
5mm
AM-HRR18-433
10
13


Similar Part No. - AM-HRRN-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-HRR30-433 RFSOLUTIONS-AM-HRR30-433 Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
AM-HRR60-433 RFSOLUTIONS-AM-HRR60-433 Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
More results

Similar Description - AM-HRRN-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-RRS3-XXX RFSOLUTIONS-AM-RRS3-XXX Datasheet
48Kb / 3P
   AM SUPERHETRODYNE RECEIVERS
logo
List of Unclassifed Man...
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
logo
Holtek Semiconductor In...
BC2401 HOLTEK-BC2401 Datasheet
1Mb / 7P
   315/433MHz Super-Regenerative OOK Rx IC
logo
Siemens Semiconductor G...
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
   120 MHz PLL for AM/FM Receivers
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Siemens Semiconductor G...
SDA4331X SIEMENS-SDA4331X Datasheet
446Kb / 13P
   PLL with I2C Bus for AM/FM Receivers
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
logo
Holtek Semiconductor In...
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
rfsolutions.ltd
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com