Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-RRQ3-315 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # AM-RRQ3-315
Description  AM SUPERHETERODYNE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-RRQ3-315 Datasheet(HTML) 3 Page - rfsolutions.ltd

  AM-RRQ3-315 Datasheet HTML 1Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 2Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 3Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS015-3
May 06
©2006 REG No 277 4001, England.
Page 3
AM SUPERHETERODYNE RECEIVER
AM-RRQ3-XXX
AM-RRQ5-433
AM-RRQ5 Mechanical Dimensions
Pin Descriptions
RSSI Output
RRQ5
RF In (dBm)
RSSI (V)
Pin No
Pin Name
-120
1.20
1
+Vcc
-110
1.32
2
GND
-100
1.50
3
DATA IN (Antenna)
-90
1.78
7
GND
-80
2.06
11
GND
-70
2.35
13
RSSI (output)
-60
2.62
14
DATA OUT
-50
2.72
15
+Vcc
-40
2.75
Electrical Characteristics
Ambient temperature
= 25
oC.
Electrical Characteristics
Min
Typical
Max
Dimension
Supply Voltage (Vcc)
4.5
5
5.5
V
Supply Current
6
7
mA
Receiver Frequency 433MHz variants
433.92
MHz
Low Level Output Voltage (I=10uA)
0.8
V
High Level Output Voltage (I=200uA)
Vcc-1
V
Operating Temperature Range
-25
+80
o C
R.F Sensitivity (100% AM)
-108
-110
dBm
3dB Bandwidth
+/-150
KHz
Max Data Rate
4.8
KHz
Level of Emitted Spectrum
-70
dBm
Component Side
13
40.64mm
18.29mm
2.54mm
711
15
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
6.5mm
1mm


Similar Part No. - AM-RRQ3-315

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-RRQ3-315 RFSOLUTIONS-AM-RRQ3-315 Datasheet
48Kb / 3P
   AM SUPERHETRODYNE RECEIVERS
More results

Similar Description - AM-RRQ3-315

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
SRX887 G-NICE-SRX887 Datasheet
420Kb / 6P
   Micropower Superheterodyne Receiver
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470 MAXIM-MAX1470_V01 Datasheet
1Mb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com