Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-TX1-433 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # AM-TX1-433
Description  AM RF TRANSMITTER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-TX1-433 Datasheet(HTML) 3 Page - rfsolutions.ltd

  AM-TX1-433 Datasheet HTML 1Page - rfsolutions.ltd AM-TX1-433 Datasheet HTML 2Page - rfsolutions.ltd AM-TX1-433 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS012_1
Oct 00
©2000 REG No 277 4001, ENGLAND.
Page 3
AM RF TRANSMITTER MODULE.
AM-TX1-XXX
TECHNICAL SPECIFICATION
Absolute Maximums
Voltage + ve to -ve
-2.5 to 8.5V
Storage Temp
-40 to +85
o C
Ambient temperature 20deg C
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Module Voltage (@ max drive)
3.0
V
Module Voltage (@ min drive)
2.2
V
Drive Current (@ max drive)
4.6
mA
Drive Current (@ min drive)
3.0
mA
Working Frequency
417.925
418.000
418.075
MHz
Working Frequency
433.92
MHz
Data Throughput
1200
baud
Tuning Tolerance
+/-75
KHz
Radiated Power (ERP) (@ max drive V)
-6.0
dBm
Modulation
ON-OFF
Modulation Pulse width
0.8
mSecs
Operating Temperature
-10
+40
°C
DRIVE VOLTAGE
RESISTOR VALUE (RD)
MIN
MAX
UNIT
8.8
13.1
V
2K2
6.7
9.9
V
1K5
5.2
7.6
V
1K
4.2
6.1
V
680
3.6
5.2
V
470
3.2
4.5
V
330
2.8
4.0
V
220
2.5
3.5
V
100
-1
0.5
V
‘off voltage’
LICENCE EXEMPTION
This range of Radio transmitters is approved by the Department of Trade & Industry (D.T.I. Specification MPT1340) in the U.K., and
therefore the user requires no radio operating licence in the U.K. Please note however the following requirements to comply with
MPT1340;
1. All transmitters shall use integral antennas only. Receivers may use an external or integral antenna. An integral antenna is
defined as one which is designed to be connected permanently to the transmitter or receiver without the use of an external
feeder. The antenna shall be a tuned loop not exceeding 700mm
2 enclosed area, or a whip not exceeding 90mm in length.
2. The equipment in which the module is used must carry an inspection mark located on the outside of the equipment which is
clearly visible. It shall state “MPT1340 W.T. Licence Exempt”. The minimum dimensions of the mark shall be 10 x 15mm and the
figure height shall be not less than 2mm.
PART No
DESCRIPTION
AM-TX1-418
Transmitter Module 418MHz
AM-TX1-433
Transmitter Module 433MHz
Should you require further assistance, please call;
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - AM-TX1-433

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-110C1-315 RFSOLUTIONS-AM-110C1-315 Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
AM-110C1-433 RFSOLUTIONS-AM-110C1-433 Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
List of Unclassifed Man...
AM-110C1-433 ETC2-AM-110C1-433 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
AM-110C2-433 ETC2-AM-110C2-433 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
AM-110C3-433 ETC2-AM-110C3-433 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
More results

Similar Description - AM-TX1-433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54127 ETC2-54127 Datasheet
123Kb / 3P
   AM TRANSMITTER MODULE
MKT1-XXX ETC2-MKT1-XXX Datasheet
82Kb / 4P
   AM Transmitter Module
logo
rfsolutions.ltd
AM-RT4-XXX RFSOLUTIONS-AM-RT4-XXX Datasheet
277Kb / 4P
   AM Hybrid Transmitter
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
HOPE Microelectronics C...
RFM119B HOPE-RFM119B Datasheet
246Kb / 5P
   High Performance RF Transmitter Module
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Epson Company
SR3225SAA EPSON-SR3225SAA Datasheet
348Kb / 2P
   RF Transmitter Module SR3225SAA: X1G00479xxxxx00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com