Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPOC1C5AET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPOC1C5AET
Description  ECL and PECL Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPOC1C5AET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPOC1C5AET Datasheet HTML 1Page - List of Unclassifed Manufacturers CPOC1C5AET Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
CPO - D P 5 A E T - 125.000MHz
Package Style:
A = Full Size, 14 Pin Dip
B = Half Size, 8 Pin Dip
C1 = Ceramic SMD, 5X7X1.6mm (4 pad)
C2 = Ceramic SMD, 5X7X1.6mm (6 pad/PECL)
P = Plastic SMD, 10X13X5mm
Inclusive Stability:
A = +/-100ppm
B = +/-50ppm
C = +/-30ppm (0°C-70°C)
D = +/-25ppm (0°C-70°C)
Operating Temperature Range:
Blank =-20°C to 70°C
E = -40°C to 85°C (50ppm / 100ppm)
Pin One Connection:
5 = +5.0V
3 = +3.3V
Pin 1 Connection:
T = Tristate Enable High
P = Power Down
Output Type:
C = HCMOS
P = PECL
S = HCMOS (with Tristate)
ELECTRICAL SPECIFICATIONS
Revision: 2000-B
Frequency Range
340.000kHz to 250.000MHz
Operating Temperature Range
-20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±10%, 3.3Vdc ±10%
Input Current
70mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm,
±30ppm (-20°C to 70°C), ±25ppm (-20° to 70°C)
Output Voltage Logic High (Voh) / PECL
Output Voltage Logic High (Voh) / HCMOS
-1.0V Min. Vdd: -0.8V Max.
-.04Vdc Min.
Output Voltage Logic Low (Vol) / PECL
Output Voltage Logic Low (Vol) / HCMOS
-2.0V Min. Vdd: -1.6V Max.
0.4Vdc Max.
Rise Time / Fall Time
2nS Max. 20% to 80% / 80% to 20% (PECL)
5nS Max. 10% to 90% / 90% to 10% (HCMOS)
Duty Cycle
PECL
HCMOS
50 ±10%
50 ±5%
Load Drive Capability
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
+2.2Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Disable Current (TS Option)
30mA Max. (pin 1 ground)
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±175pSeconds Maximum
One Sigma Clock Jitter
±50pSeconds Maximum
5.0V: up to 100.000MHz = 25pF / 100 to 250.000MHz = 10pF
3.3V: up to 100.000MHz = 15pF / 100 to 250.000MHz = 10pF
Standby Current (PD Option)
50uA Max. (pin 1 ground)
Aging (@ 25°C)
±5ppm / year Maximum
CPO Series
Programmable Oscillator
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Description - CPOC1C5AET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAE ETC2-OAE Datasheet
74Kb / 1P
   ECL and PECL Oscillator
logo
Caliber Electronics Inc...
OAE CALIBER-OAE Datasheet
85Kb / 1P
   ECL and PECL Oscillator
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
   ECL/ PECL OSCILLATOR
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Nel Frequency Controls,...
HA-A870 NEL-HA-A870 Datasheet
262Kb / 2P
   Positive ECL (PECL)
HA-A870 NEL-HA-A870_10 Datasheet
62Kb / 2P
   Positive ECL (PECL)
HS-A870 NEL-HS-A870_10 Datasheet
61Kb / 2P
   Positive ECL (PECL)
SJ-870 NEL-SJ-870_10 Datasheet
103Kb / 3P
   Positive ECL (PECL)
HS-A870 NEL-HS-A870 Datasheet
260Kb / 2P
   Positive ECL (PECL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com