Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS20AC-12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS20AC-12
Description  20 WATT AC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS20AC-12 Datasheet(HTML) 1 Page - STMicroelectronics

  GS20AC-12 Datasheet HTML 1Page - STMicroelectronics GS20AC-12 Datasheet HTML 2Page - STMicroelectronics GS20AC-12 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS20AC-12
20 WATT AC-DC CONVERTER
February 1994
1/3
Type
Vin
Vout
Iout
GS20AC-12
230 VRMS
12 V
1,7 A
DESCRIPTION
The GS20AC-12 is an AC-DC switching power
supply able to deliver 20W output power
(12V/1.7A).
Two versions of the INPUT PLUG ADAPTOR are
available:
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
187
230
264
Vrms
Vo
Output Voltage
Vi = 187V to 264Vrms
Io = 0 to 1.7A
11
12
13
Vdc
Io
Output Current
Vi = 187V to 264Vrms
Vo = 11 to 13V
0
1.7
A
Iol
Overcurrent Limit
Initiation
Vi = 187V to 264Vrms
2A
Iosc
Short Circuit Output
Current
Vi = 187V to 264Vrms
0.7
A
η
Efficiency
Vi = 187V to 264Vrms Io = 1.7A
75
%
Top
Operating Temperature
Range
-20
+45
°C
Tstg
Storage Temperature
Range
-25
+85
°C
EUROPEAN VERSION
GS20AC-12-1 (ORDERING NUMBER)
UK VERSION:
GS20AC-12-2 (ORDERING NUMBER)
(See page 2 for mechanical drawings)


Similar Part No. - GS20AC-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS20-120 ETC2-GS20-120 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS20-150 ETC2-GS20-150 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS20-35 ETC2-GS20-35 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS20-50 ETC2-GS20-50 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS20-70 ETC2-GS20-70 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS20AC-12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com