Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-41EB Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # GPS-41EB
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41EB Datasheet(HTML) 4 Page - rfsolutions.ltd

  GPS-41EB Datasheet HTML 1Page - rfsolutions.ltd GPS-41EB Datasheet HTML 2Page - rfsolutions.ltd GPS-41EB Datasheet HTML 3Page - rfsolutions.ltd GPS-41EB Datasheet HTML 4Page - rfsolutions.ltd GPS-41EB Datasheet HTML 5Page - rfsolutions.ltd GPS-41EB Datasheet HTML 6Page - rfsolutions.ltd GPS-41EB Datasheet HTML 7Page - rfsolutions.ltd GPS-41EB Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS-41EB-3 Oct ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41EBR
GPS-41EBF
NMEA Messages
The serial interface protocol is based on the National Marine Electronics Association’s NMEA 0183 ASCII
interface specification. This standard is fully define in “NMEA 0183, Version 3.01” The standard may be
obtained from NMEA, www.nmea.org
GGA - GPS FIX DATA
Time, position and position-fix related data (number of satellites in use, HDOP, etc.).
Format:
$GPGGA,<1>,<2>,<3>,<4>,<5>,<6>,<7>,<8>,<9>,M,<10>,M,<11>,<12>,*<13><CR><LF>
Example:
$GPGGA,104549.04,2447.2038,N,12100.4990,E,1,06,01.7,00078.8,M,0016.3,M,,*5C<CR><LF>
Field
Example
Description
1
104549.04 UTC time in hhmmss.ss format, 000000.00 ~ 235959.99
2
2447.2038 Latitude in ddmm.mmmm format
Leading zeros transmitted
3
N
Latitude hemisphere indicator, ‘N’ = North, ‘S’ = South
4
12100.4990 Longitude in dddmm.mmmm format
Leading zeros transmitted
5
E
Longitude hemisphere indicator, 'E' = East, 'W' = West
6
1
Position fix quality indicator
0: position fix unavailable
1: valid position fix, SPS mode
2: valid position fix, differential GPS mode
7
06
Number of satellites in use, 00 ~ 12
8
01.7
Horizontal dilution of precision, 00.0 ~ 99.9
9
00078.8
Antenna height above/below mean sea level, -9999.9 ~ 17999.9
10
0016.3
Geoidal height, -999.9 ~ 9999.9
11
Age of DGPS data since last valid RTCM transmission in xxx format (seconds)
NULL when DGPS not used
12
Differential reference station ID, 0000 ~ 1023
NULL when DGPS not used
13
5C
Checksum
Note: The checksum field starts with a ‘*’ and consists of 2 characters representing a hex number. The
checksum is the exclusive OR of all characters between ‘$’ and ‘*’.


Similar Part No. - GPS-41EB

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41MLF RFSOLUTIONS-GPS-41MLF Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41MLR RFSOLUTIONS-GPS-41MLR Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
More results

Similar Description - GPS-41EB

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41UM RFSOLUTIONS-GPS-41UM Datasheet
66Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Maxim Integrated Produc...
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX17843 MAXIM-MAX17843 Datasheet
2Mb / 131P
   12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
Rev 2; 4/18
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
   Microphone sensor module (high sensitivity)
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com