Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-41MLR Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # GPS-41MLR
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41MLR Datasheet(HTML) 1 Page - rfsolutions.ltd

  GPS-41MLR Datasheet HTML 1Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 2Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 3Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 4Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 5Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 6Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 7Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS-41ML-1 Feb ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 1
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41MLR
GPS-41MLF
FEATURES
12 parallel channel GPS receiver
4100 simultaneous time-frequency
search bins
SBAS (WAAS, EGNOS) support
High Sensitivity:
-140dBm acquisition sensitivity
-150dBm tracking sensitivity
Fast Acquisition:
< 10 second hot start
< 50 second cold start
5m CEP accuracy
‘F’ Module Programmable
GPS-41ML
Fast Acquisition Enhanced Sensitivity
12 Channel GPS Sensor Module
The GPS-41ML is a compact all-in-one GPS module solution
intended
for
a
broad
range
of
Original
Equipment
Manufacturer (OEM) products, where fast and easy system
integration and minimal development risk is required.
The receiver continuously tracks all satellites in view and
provides accurate satellite positioning data. The GPS-41ML
is optimized for applications requiring good performance, low
cost, and maximum flexibility; suitable for a wide range of
OEM configurations including handhelds, sensors, asset
tracking, PDA-centric personal navigation system, and
vehicle navigation products.
Its 12 parallel channels and 4100 search bins provide fast
satellite signal acquisition and short startup time. Acquisition
sensitivity of –140dBm and tracking sensitivity of –150dBm
offers good navigation performance even in urban canyons
having limited sky view.
Satellite-based augmentation systems, such as WAAS and
EGNOS, are supported to yield improved accuracy.
Both the LVTTL-level and RS232-level serial interface are
provided on the interface connector. Supply voltage of
3.8V~8.0V is supported.
The GPS-41MLF module has programmable flash memory.
This
enables
users
to
modify
the
NMEA
sentence
configuration and re-flash the firmware in the modem.
Ordering Information
Part Number
Description
GPS-41MLR
GPS Module, Onboard Antenna
GPS-41MLF
GPS Module, Onboard Antenna, Programmable


Similar Part No. - GPS-41MLR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBF RFSOLUTIONS-GPS-41EBF Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBR RFSOLUTIONS-GPS-41EBR Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
More results

Similar Description - GPS-41MLR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41UM RFSOLUTIONS-GPS-41UM Datasheet
66Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Maxim Integrated Produc...
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX17843 MAXIM-MAX17843 Datasheet
2Mb / 131P
   12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
Rev 2; 4/18
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
   Microphone sensor module (high sensitivity)
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com