Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-41UM Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # GPS-41UM
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41UM Datasheet(HTML) 2 Page - rfsolutions.ltd

  GPS-41UM Datasheet HTML 1Page - rfsolutions.ltd GPS-41UM Datasheet HTML 2Page - rfsolutions.ltd GPS-41UM Datasheet HTML 3Page - rfsolutions.ltd GPS-41UM Datasheet HTML 4Page - rfsolutions.ltd GPS-41UM Datasheet HTML 5Page - rfsolutions.ltd GPS-41UM Datasheet HTML 6Page - rfsolutions.ltd GPS-41UM Datasheet HTML 7Page - rfsolutions.ltd GPS-41UM Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS-41UM-1 Feb ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 2
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41UMR
GPS-41UMF
TECHNICAL SPECIFICATIONS
Receiver Type
12 parallel channel, L1 C/A code
Accuracy
Position
5m CEP
Velocity
0.1m/sec
Startup Time
< 10sec hot start
< 35sec warm start
< 50sec cold start
Signal Reacquisition
1s
Sensitivity
-140dBm acquisition
-150dBm tracking
Update Rate
1Hz
Dynamics
4G (39.2m/sec
2)
Operational Limits
Altitude < 18,000m or velocity < 515m/s
(COCOM limit, either may be exceeded but not both)
Serial Interface
USB level
Protocol
NMEA-0183 V3.01
GPGGA, GPGLL, GPGSA, GPGSV, GPRMC, GPVTG, GPZDA
4800 baud, 8, N, 1
Datum
Default WGS-84
User definable
Interface Connector
Two 1.0mm pitch WTB S/R wafer 87213 SMT R/A type connector
Input Voltage
3.8V ~ 8.0V
Power Consumption
110mW
Dimension
34mm L x 34mm W x 8.6mm H
Weight:
14g
Operating Temperature
-40
oC ~ +85oC
Humidity
5% ~ 95%


Similar Part No. - GPS-41UM

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBF RFSOLUTIONS-GPS-41EBF Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBR RFSOLUTIONS-GPS-41EBR Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
More results

Similar Description - GPS-41UM

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Maxim Integrated Produc...
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX17843 MAXIM-MAX17843 Datasheet
2Mb / 131P
   12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
Rev 2; 4/18
logo
JOY-IT
KY-037 JOY-IT-KY-037 Datasheet
230Kb / 7P
   Microphone sensor module (high sensitivity)
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5240 INFINEON-TDA5240 Datasheet
13Mb / 284P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V4.0, February 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com