Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRM01 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # BRM01
Description  2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BRM01 Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button BRM01 Datasheet HTML 2Page - rfsolutions.ltd BRM01 Datasheet HTML 3Page - rfsolutions.ltd BRM01 Datasheet HTML 4Page - rfsolutions.ltd BRM01 Datasheet HTML 5Page - rfsolutions.ltd BRM01 Datasheet HTML 6Page - rfsolutions.ltd BRM01 Datasheet HTML 7Page - rfsolutions.ltd BRM01 Datasheet HTML 8Page - rfsolutions.ltd BRM01 Datasheet HTML 9Page - rfsolutions.ltd BRM01 Datasheet HTML 10Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS361-3 Dec 03
©2003 Reg. No. 227 4001, England
Page 7
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01
PROGRAMMING GUIDE
GPIO Output
This command outputs a bit mask to the GPIO pins device whose Index ID is provided in parameter 1. GPIO
pins that are defined as outputs will be set to the level provided in the parameter 2 bit mask.
Command Code
(1 byte)
Parameter 1 – Index ID
(2 bytes 00-1F)
Parameter 2 – Bit Mask
(2 bytes 00-FF)
“>”
“xx”
“xx”
Response Code
(1 byte)
Status Code *
(2 bytes 0-9, A-F)
“>”
“xx”
*See Status Codes for meanings
GPIO Input
This command returns the digital level on the GPIO pins of the device whose Index ID is provided in
parameter 1. Values returned for GPIO pins that are not defined as digital inputs should be disregarded.
Command Code
(1 byte)
Parameter 1 – Index ID
(2 bytes 00-1F)
Parameter 2 – Null
(2 bytes 00)
“<”
“xx”
“00”
Response Code
(1 byte)
Status Code *
(2 bytes 0-9, A-F)
GPIO Input Bit Mask
(2 bytes 0-9, A-F)
“<”
“xx”
“xx”
*See Status Codes for meanings
GPIO Measure
This command returns the analogue level of the GPIO pin defined in parameter 2 from the device whose
Index ID is provided in parameter 1. Values returned for GPIO pins that are not defined as analogue inputs
should be disregarded.
Command Code
(1 byte)
Parameter 1 – Index ID
(2 bytes 00-1F)
Parameter 2 – GPIO Pin
(2 bytes 00,01,02,03,05)
“$”
“xx”
“xx”
Response Code
(1 byte)
Status Code *
(2 bytes 0-9, A-F)
Analogue 10 bit value
(2 bytes 0x0-03ff)
“$”
“xx”
0-4096
*See Status Codes for meanings
The analogue reference for the ADC measurement depends upon the Function Parameter of the GPIO set-
up command.


Similar Part No. - BRM01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
182Kb / 14P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01 RFSOLUTIONS-BRM01 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
More results

Similar Description - BRM01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
182Kb / 14P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
logo
Compex Systems Pte. Lte...
WSD377 COMPEX-WSD377 Datasheet
670Kb / 3P
   2.4GHz/5GHz WiFi Bluetooth Combination Module
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
   2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Soshin electric Co., Lt...
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com