Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF650-868 Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # RF650-868
Description  SMART RADIO TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650-868 Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button RF650-868 Datasheet HTML 3Page - rfsolutions.ltd RF650-868 Datasheet HTML 4Page - rfsolutions.ltd RF650-868 Datasheet HTML 5Page - rfsolutions.ltd RF650-868 Datasheet HTML 6Page - rfsolutions.ltd RF650-868 Datasheet HTML 7Page - rfsolutions.ltd RF650-868 Datasheet HTML 8Page - rfsolutions.ltd RF650-868 Datasheet HTML 9Page - rfsolutions.ltd RF650-868 Datasheet HTML 10Page - rfsolutions.ltd RF650-868 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 11
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
6.2 Mechanical Details
6.3 DIP Switch Configuration
DIP Switch
Name
Type
Description
1
PD (Power Down)
In
OFF : Power Down mode; ON : Operating mode.
2,3
Data Rate
In
Host Data Rate selection (see next table).
4
Configuration
In
OFF : Configuration mode; ON : Operating mode.
5
RTS
In
6
CTS
Out
OFF, OFF : RTS,CTS Disabled (RS232 without handshake);
ON, ON : RTS,CTS Enabled (RS232 with handshake).
6.3.1
Host Data Rate Selection
DR1 (SW2)
DR2 (SW3)
Baud Rate
OFF
OFF
4,800
ON
OFF
9,600
OFF
ON
19,200
ON
ON
38,400
RF Solutions Ltd.,
Unit 21 Cliffe Industrial Estate,
South Street, Lewes, E Sussex,
BN8 6JL. England
Tel +44 (0)1273 898 000 Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk


Similar Part No. - RF650-868

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504PCK-410 RFMD-RF6504PCK-410 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SB RFMD-RF6504SB Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SR RFMD-RF6504SR Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504TR13 RFMD-RF6504TR13 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF650-868

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
List of Unclassifed Man...
RM-5800 ETC2-RM-5800 Datasheet
316Kb / 12P
   Doodle Labs Smart Radio – RM-5800
August 12, 2022
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
   Radio Transceiver for DECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com