Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS175T48-15E Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS175T48-15E
Description  120W/175W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS175T48-15E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS175T48-15E Datasheet HTML 2Page - STMicroelectronics GS175T48-15E Datasheet HTML 3Page - STMicroelectronics GS175T48-15E Datasheet HTML 4Page - STMicroelectronics GS175T48-15E Datasheet HTML 5Page - STMicroelectronics GS175T48-15E Datasheet HTML 6Page - STMicroelectronics GS175T48-15E Datasheet HTML 7Page - STMicroelectronics GS175T48-15E Datasheet HTML 8Page - STMicroelectronics GS175T48-15E Datasheet HTML 9Page - STMicroelectronics GS175T48-15E Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package T. Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
Figure 1.
6/10
PIN DESCRIPTION
Pin
Function
Description
1- IN
Negative input voltage.
2+ IN
Positive input voltage. Unregulated input voltage (typically 48V) must be applied between
pin 1-2.
3
ON/OF F
The converter is ON (Enable) when the voltage applied to this pin with reference to pin 1 is
lower than 1.2V (see Vien). The converter is OFF (Inhibit) for a control voltage in the range
of 8 to 18V. When the pin is unconnected the converter is OFF (Inhibit).
4
CASE
Case connection pin.
5
SYNC
Synchronization pin. See figures 3, 4, 5, 6. Open when not used.
6
PARALLEL
Parallel output. See figures 3, 4, 5, 6. Open when not used.
7
+ SENSE
Senses the remote load high side. To be connected to pin 11,12 when remote sense is not
used.
8
- SENSE
Senses the remote load return. To be connected to pin 9,10 when remote sense is not
used. In parallel configuration, take care to connect all -S pins together (see figures 3,4,5,6).
9,10
- OUT
Fixed output voltage return.
11,12
+ OUT
Fixed output voltage.
GS120/175T48 FAMILY


Similar Part No. - GS175T48-15E

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
More results

Similar Description - GS175T48-15E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
   DC Motor 120W
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA-MYPMA01218RCF-CAB Datasheet
622Kb / 6P
   120W DC-DC converter(216W peak)
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
   120W DC-DC Open Frame Power Supply
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com