Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC68NP-WNB06 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SFC68NP-WNB06
Description  EMC CHOKE COIL Type: SFC Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SFC68NP-WNB06 Datasheet(HTML) 2 Page - Sumida Corporation

  SFC68NP-WNB06 Datasheet HTML 1Page - Sumida Corporation SFC68NP-WNB06 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMC CHOKE COIL <Pin Type: SFC Series>
Type: SFC68
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part name
Stamp
Inductance
at 1 MHz
(μH)
1-4
2-3
Impedance
(Ω)
MIN.
1-4
2-3
D.C.R.
(mΩ)
<TYP.>
Rated
Current
(A)※1
Insulation
Resistance
(Coil-coil)
D.C.250V
(MΩ) MIN.
SFC68NP-PNØ8
P08
5.3
1100
(80MHz~
100MHz)
200
(10MHz)
67.5
1.05
10
SFC68NP-PN1Ø
P10
8.0
1200
(80MHz~
100MHz)
350
(10MHz)
82.5
0.82
10
SFC68NP-PN12
P12
11.5
1050
(80MHz~
100MHz)
550
(10MHz)
100.5
0.68
10
SFC68NP-PN14
P14
15.7
650
(80MHz~
100MHz)
750
(10MHz)
114.0
0.60
10
SFC68NP-WNØ8
W08
39.5
850
(30MHz~
100MHz)
650
(10MHz)
64.9
1.30
10
SFC68NP-WN1Ø
W10
60.7
1050
(30MHz~
100MHz)
1050
(10MHz)
80.0
1.15
10
SFC68NP-WN12
W12
87.5
1100
(30MHz~
100MHz)
1500
(10MHz)
94.5
1.08
10
SFC68NP-WN14
W14
121.5
1100
(30MHz~
100MHz)
2100
(10MHz)
110.0
0.95
10
SFC68NP-WNBØ4
B04
4.3
110
(10MHz)
200
(100MHz)
150(30MHz)
250(300MHz)
19.5
2.90
10
SFC68NP-WNBØ6
B06
9.5
250
(10MHz)
500
(100MHz)
400(30MHz)
300(300MHz)
25.5
1.80
10
SFC68NP-WNBØ8
B08
17.2
450
(10MHz)
700
(100MHz)
750(30MHz)
300(300MHz)
33.5
1.50
10
SFC68NP-WNB1Ø
B10
28.2
750
(10MHz)
800
(100MHz)
1150(30MHz)
250(300MHz)
41.5
1.05
10
1. Rated current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).


Similar Part No. - SFC68NP-WNB06

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SFC6000D-20SLM SENSIRION-SFC6000D-20SLM Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
SFC6000D-50SLM SENSIRION-SFC6000D-50SLM Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
SFC6000D-5SLM SENSIRION-SFC6000D-5SLM Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Cornell Dubilier Electr...
SFC66S10K291B-F CDE-SFC66S10K291B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
SFC66S12K391B-F CDE-SFC66S12K391B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
More results

Similar Description - SFC68NP-WNB06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFC99 SUMIDA-SFC99 Datasheet
180Kb / 1P
   EMC CHOKE COIL
PFN1515 SUMIDA-PFN1515 Datasheet
110Kb / 1P
   EMC Choke Coil
PFN0716 SUMIDA-PFN0716 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1025 SUMIDA-PFN1025 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
   EMC Choke Coil
SFC1015 SUMIDA-SFC1015 Datasheet
157Kb / 1P
   EMC CHOKE COIL
PFN1318 SUMIDA-PFN1318 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN1329 SUMIDA-PFN1329 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN2029 SUMIDA-PFN2029 Datasheet
128Kb / 1P
   EMC&PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com