Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ541 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ541
Description  Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ541 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ541_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ541 Rev. 1.6.0
4
DC Electrical Characteristics
Notes:
1. All outputs loaded; thresholds on input associated with output under test.
2. Maximum test duration 2.0ms, one output loaded at a time.
3. Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
4. Max number of Data Inputs (n) switching. (n–1) Inputs switching 0V to 5V (ACQ). Input-under-test switching:
5V to threshold (VILD), 0V to threshold (VIHD), f = 1MHz.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level
Input Voltage
4.5
VOUT = 0.1V
or VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
4.5
VIN = VIL or VIH,
IOH = –24mA
(1)
3.86
3.76
5.5
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
4.5
VIN = VIL or VIH,
IOH = 24mA
(1)
0.36
0.44
5.5
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI = VIL, VIH;
VO = VCC, GND
±0.25
±2.5
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(2)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
VOLP
Quiet Output Maximum
Dynamic VOL
5.0
Figures 1 & 2(3)
1.1
1.5
V
VOLV
Quiet Output Minimum
Dynamic VOL
5.0
Figures 1 & 2(3)
–0.6
–1.2
V
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
(4)
1.9
2.2
V
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
(4)
1.2
0.8
V


Similar Part No. - 74ACTQ541_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541SC FAIRCHILD-74ACTQ541SC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541SCX-NL FAIRCHILD-74ACTQ541SCX-NL Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACTQ541_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com