Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C557-03LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C557-03LE
Description  PCI Express Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-03LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C557-03LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-03LE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8824C
12/14/07
PI6C557-03
PCI Express Clock
AC Characteristics (VDD = 3.3V ±10%, TA = -40°C to +85
oC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
FIN
Input Frequency
25
MHz
VOUT
Output Frequency
25
200
MHz
VOH
Output High Voltage (1,2)
@VDD = 3.3V
660
700
850
mV
VOL
Output Low Voltage(1,2)
-150
0
mV
VCPA
Crossing Point Voltage(1,2)
Absolute
250
350
550
mV
VCN
Crossing Point Voltage(1,2,4)
Variation over all edges
140
mV
JCC
Jitter, Cycle-to-Cycle(1,3)
60
100
ps
MF
Modulation Frequency
Spread Spectrum
30
31.5
33
kHz
tOR
Rise Time(1,2)
From 0.175V to 0.525V
175
332
700
ps
tOF
Fall Time(1,2)
From 0.525V to 0.175V
175
344
700
ps
∆TR/∆T
Rise/Fall Time Variation(1,2)
125
ps
TSKEW
Skew between outputs
VDD/2
50
ps
TDUTY-
CYCLE
Duty Cycle(1,3)
45
55
%
TOE
Output Enable Time(5)
All outputs
0.1
μs
TOT
Output Disable Time(5)
All outputs
0.1
μs
tSTABLE From power-up to VDD=3.3V
1.6
3.0
ms
tSPREAD Setting period after spread change
3.0
ms
Notes:
1. RL = 50Ω with CL = 2 pF and RR = 475Ω
2. Single-ended waveform
3. Differential waveform
4. Measured at the crossing point
5. CLK pins are tri-stated when OE is LOW
Thermal Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
θJA
Thermal Resistance Junction to Ambient
Still air
90
°C/W
θJC
Thermal Resistance Junction to Case
24
°C/W
Recomended Crystal Specification
Pericom recommends SRX7278 for optimium performance.
Parameter
Value
Units
Mode of Oscillation
Fundamental AT
Frequency
25
MHz
Frequency Tolerance
±20
PPM
Temperature and Aging Stability
±30
Load Cap
20
pF
Equivelent Series Resistance
35
Ω
Drive Level
100
mW
07-0274


Similar Part No. - PI6C557-03LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C557-03LEX DIODES-PI6C557-03LEX Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
More results

Similar Description - PI6C557-03LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C557-03 DIODES-PI6C557-03 Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com