Electronic Components Datasheet Search |
|
VN5025AJTR-E Datasheet(PDF) 10 Page - STMicroelectronics |
|
VN5025AJTR-E Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 31 page Electrical specifications VN5025AJ-E 10/31 Table 7. Switching (VCC=13V, Tj=25°C) Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) Turn-On delay time RL= 4.3Ω (see Figure 8.)30 µs td(off) Turn-Off delay time RL= 4.3Ω (see Figure 8.)50 µs (dVOUT/dt)on Turn-On voltage slope RL= 4.3Ω See Figure 20 V / µs (dVOUT/dt)off Turn-Off voltage slope RL= 4.3Ω See Figure 22 V / µs WON Switching energy losses during twon RL= 4.3Ω (see Figure 8)0.47 mJ WOFF Switching energy losses during twoff RL= 4.3Ω (see Figure 8)0.45 mJ Table 8. Logic input Symbol Parameter Test conditions Min. Typ. Max. Unit VIL Input low level voltage 0.9 V IIL Low level input current VIN= 0.9V 1 µA VIH Input high level voltage 2.1 V IIH High level input current VIN= 2.1V 10 µA VI(hyst) Input hysteresis voltage 0.25 V VICL Input clamp voltage IIN= 1mA IIN= -1mA 5.5 -0.7 7V V VCSDL CS_DIS low level voltage 0.9 V ICSDL Low level CS_DIS current VCSD= 0.9V 1 µA VCSDH CS_DIS high level voltage 2.1 V ICSDH High level CS_DIS current VCSD= 2.1V 10 µA VCSD(hyst) CS_DIS hysteresis voltage 0.25 V VCSCL CS_DIS clamp voltage ICSD=1mA ICSD= -1mA 5.5 -0.7 7V V |
Similar Part No. - VN5025AJTR-E |
|
Similar Description - VN5025AJTR-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |