Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-31-15IRC-850 Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-31-15IRC-850
Description  3 mm High Power LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-31-15IRC-850 Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-31-15IRC-850 Datasheet HTML 1Page - A-BRIGHT Inc AL-31-15IRC-850 Datasheet HTML 2Page - A-BRIGHT Inc AL-31-15IRC-850 Datasheet HTML 3Page - A-BRIGHT Inc AL-31-15IRC-850 Datasheet HTML 4Page - A-BRIGHT Inc AL-31-15IRC-850 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-31-15IRC-850
Diff No.
3 mm
High Power
Type:LED Lamps
3
2008/3/20
Reliability test items and conditions :
The reliability of products shall be satisfied with items listed below.
Confidence level: 90%
LTPD: 10%
NO
ITEM
Test Conditions
Test
hours/cycle
Sample
Q’ty
Ac/Re
1
Solder Heat
Temp:260℃±5℃
5 sec
80 pcs
0/1
H:+85℃ 30min
5min
2
Temperature Cycle
L:-40℃ 30min
100 cycles 80 pcs
0/1
H:+100℃ 5min
10sec
3
Thermal Shock
L:-10℃ 5min
100 cycles 80 pcs
0/1
4
High Temperature Storage
Ta=100℃
1000 hrs
80 pcs
0/1
5
Low Temperature Storage
Ta=-40℃
1000 hrs
80 pcs
0/1
6
DC Operating Life
Temp:25℃
IF=20mA
1000 hrs
80 pcs
0/1
7
High Temperature/
High Humidity
85℃/85%RH
1000 hrs
80 pcs
0/1


Similar Part No. - AL-31-15IRC-850

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-31-15IRC-850 A-BRIGHT-AL-31-15IRC-850 Datasheet
318Kb / 5P
   3mm High Power LED Lamps
2008/3/20
AL-31-15IRC-850 A-BRIGHT-AL-31-15IRC-850 Datasheet
323Kb / 5P
   3 mm High Power LED Lamps
2008/3/20
AL-31-15IRC-850 A-BRIGHT-AL-31-15IRC-850_08 Datasheet
318Kb / 5P
   3mm High Power LED Lamps
2008/3/20
logo
Lucky Light Electronic
AL-31-15IRC-850 LUCKY-LIGHT-AL-31-15IRC-850_15 Datasheet
323Kb / 5P
   LED Lamps
More results

Similar Description - AL-31-15IRC-850

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-30-01IRC-850-70 A-BRIGHT-AL-30-01IRC-850-70 Datasheet
314Kb / 5P
   3 mm High Power LED Lamps
2006/9/28
AL-31-15IRC-850 A-BRIGHT-AL-31-15IRC-850 Datasheet
323Kb / 5P
   3 mm High Power LED Lamps
2008/3/20
AL-31-01IRC-850-40 A-BRIGHT-AL-31-01IRC-850-40 Datasheet
337Kb / 5P
   3 mm High Power LED Lamps
2006/9/28
logo
Broadcom Corporation.
HL3P-NX45 BOARDCOM-HL3P-NX45 Datasheet
921Kb / 10P
   3-mm LED Lamps
September 15, 2017
logo
A-BRIGHT Inc
AL-314SG1C-A A-BRIGHT-AL-314SG1C-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314SRC A-BRIGHT-AL-314SRC Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314TGC-A A-BRIGHT-AL-314TGC-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
AL-314UG6C-A A-BRIGHT-AL-314UG6C-A Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/25
AL-314IR-940-45B A-BRIGHT-AL-314IR-940-45B Datasheet
329Kb / 5P
   3 mm Infrared LED Lamps
2006/12/15
AL-314B5C A-BRIGHT-AL-314B5C Datasheet
310Kb / 5P
   3 mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com