Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54S240 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN54S240
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54S240 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54S240 Datasheet HTML 5Page - Texas Instruments SN54S240 Datasheet HTML 6Page - Texas Instruments SN54S240 Datasheet HTML 7Page - Texas Instruments SN54S240 Datasheet HTML 8Page - Texas Instruments SN54S240 Datasheet HTML 9Page - Texas Instruments SN54S240 Datasheet HTML 10Page - Texas Instruments SN54S240 Datasheet HTML 11Page - Texas Instruments SN54S240 Datasheet HTML 12Page - Texas Instruments SN54S240 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144B – APRIL 1985 – REVISED FEBRUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
TEST CONDITIONS
’S240
’S241, ’S244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
RL =90 Ω
C50 F
4.5
7
6
9
ns
tPHL
RL = 90 Ω,
CL = 50 pF
4.5
7
6
9
ns
tPZL
RL =90 Ω
C50 F
10
15
10
15
ns
tPZH
RL = 90 Ω,
CL = 50 pF
6.5
10
8
12
ns
tPLZ
RL 90 Ω
CL 5 pF
10
15
10
15
ns
tPHZ
RL = 90 Ω,
CL = 5 pF
6
9
6
9
ns


Similar Part No. - SN54S240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54S240 TI-SN54S240 Datasheet
247Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54S240 TI-SN54S240 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54S240 TI-SN54S240 Datasheet
1Mb / 31P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54S240 TI1-SN54S240 Datasheet
1Mb / 31P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54S240 TI1-SN54S240 Datasheet
1Mb / 41P
[Old version datasheet]   SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
REVISED OCTOBER 2016
More results

Similar Description - SN54S240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com