Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS241 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS241
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS241 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LS241 Datasheet HTML 4Page - Texas Instruments SN74LS241 Datasheet HTML 5Page - Texas Instruments SN74LS241 Datasheet HTML 6Page - Texas Instruments SN74LS241 Datasheet HTML 7Page - Texas Instruments SN74LS241 Datasheet HTML 8Page - Texas Instruments SN74LS241 Datasheet HTML 9Page - Texas Instruments SN74LS241 Datasheet HTML 10Page - Texas Instruments SN74LS241 Datasheet HTML 11Page - Texas Instruments SN74LS241 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144B – APRIL 1985 – REVISED FEBRUARY 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54S’
SN74S’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 1)
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–15
mA
IOL
Low-level output current
48
64
mA
External resistance between any input and VCC or ground
40
40
k
TA
Operating free-air temperature (see Note 3)
–55
125
0
70
°C
NOTES:
1. Voltage values are with respect to network ground terminal.
3. An SN54S241J operating at free-air temperature above 116
°C requires a heat sink that provides a thermal resistance from case
to free air, R
θCA, of not more that 40°C/W.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54S’
SN74S’
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = –18 mA
–1.2
–1.2
V
Hysteresis
(VT+ – VT–)
VCC = MIN
0.2
0.4
0.2
0.4
V
VCC = MIN
IOH = –1 mA
VIH = 2 V,
VIL = 0.8 V,
2.7
VOH
VCC = MIN,
IOH = –3 mA
VIH = 2 V,
VIL = 0.8 V,
2.4
3.4
2.4
3.4
V
VCC = MIN,
IOH = MAX
VIH = 2 V,
VIL = 0.5 V,
2
2
VOL
VCC = MIN,
IOL = MAX
VIH = 2 V,
VIL = 0.8 V,
0.55
0.55
V
IOZH
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 2.4 V
50
50
µA
IOZL
VCC = MAX,
VIL = 0.8 V
VIH = 2 V,
VO = 0.5 V
–50
–50
µA
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VI = 2.7 V
50
50
µA
IIL
VCC = MAX
VI =0 5V
Any A
–400
–400
µA
IIL
VCC = MAX,
VI = 0.5 V
Any G
–2
–2
mA
IOS§
VCC = MAX
–50
–225
–50
–225
mA
Outputs high
’S240
80
123
80
135
Outputs high
’S241,’S244
95
147
95
160
ICC
VCC = MAX,
Outputs low
’S240
100
145
100
150
mA
ICC
CC
,
Output open
Outputs low
’S241, ’S244
120
170
120
180
mA
Outputs disabled
’S240
100
145
100
150
Out uts disabled
’S241, ’S244
120
170
120
180
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.


Similar Part No. - SN74LS241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS241 TI-SN74LS241 Datasheet
247Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS241 TI-SN74LS241 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS241 TI-SN74LS241 Datasheet
1Mb / 31P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS241 TI1-SN74LS241 Datasheet
1Mb / 31P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS241 TI1-SN74LS241 Datasheet
1Mb / 41P
[Old version datasheet]   SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
REVISED OCTOBER 2016
More results

Similar Description - SN74LS241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com