Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH8D43 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH8D43
Description  POWER INDUCTORS < SMD Type: CDRH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH8D43_1 Datasheet HTML 1Page - Sumida Corporation CDRH8D43_1 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS < SMD Type: CDRH Series>
Type: CDRH8D43 , CDRH8D43/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
8.3×8.3mm Max.(L×W), 4.5 mm Max. Height. (CDRH8D43)
8.3×8.3mm Max.(L×W), 4.7 mm Max. Height. (CDRH8D43/HP)
Both standard type CDRH8D43 and High Power Type CDRH8D43/HP
are available.
Inductance range: 0.68~100μH(CDRH8D43) ; 1.2~68μH(CDRH8D43/HP)
Rated current range: 0.8~6.9A(CDRH8D43) ; 0.8~5.6A(CDRH8D43/HP).
In addition to the standards versions shown here, custom inductors are also available to meet
your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Mobile phone, MP3, PDA ,HDD,DSC/DVC, etc as DC-DC Converter
inductors.
RoHS Compliance.
Dimensions (mm)
Dimension: 4.5 MAX. (CDRH8D43)
4.7 MAX ( CDRH8D43/HP)
Land Pattern (mm)
8.0±0.3
1.2
6.3
2.0
10.1
6.1


Similar Part No. - CDRH8D43_1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CDRH8D43-100NC PANASONIC-CDRH8D43-100NC Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
CDRH8D43-100NC PANASONIC-CDRH8D43-100NC Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
logo
Sumida Corporation
CDRH8D43 SUMIDA-CDRH8D43_14 Datasheet
166Kb / 4P
   SMD Power Inductor
CDRH8D43 SUMIDA-CDRH8D43_17 Datasheet
252Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH8D43_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125NP-100MC SUMIDA-CDRH125NP-100MC Datasheet
191Kb / 4P
   Power Inductors
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH127LDNP-470MC SUMIDA-CDRH127LDNP-470MC Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28_1 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com