Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS8D28NP-150NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS8D28NP-150NB
Description  Power Inductor & 2 in 1 Transformer < CLS Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS8D28NP-150NB Datasheet(HTML) 2 Page - Sumida Corporation

  CLS8D28NP-150NB Datasheet HTML 1Page - Sumida Corporation CLS8D28NP-150NB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor & 2 in 1 Transformer < CLS Series>
Type: CLS8D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current(A)
(at 20℃)※1
Temperature
Rise current
(A) ※2
(1,4-2,3)
(2-3) (1,4 Short)
Part No.
Stamp
Inductance
[Within]
at20℃
at100℃
at20℃
at100℃
(1,4-2,3)
(2-3)
(1,4 Short)
CLS8D28NP-1R0N□
1R0
1.0µH±30%
6.7
5.4
3.2
2.8
6.0
3.0
CLS8D28NP -1R6N□
1R6
1.6µH±30%
5.1
4.3
2.7
2.3
5.6
2.6
CLS8D28NP -2R2N□
2R2
2.2µH±30%
4.4
3.9
2.3
1.9
5.0
2.3
CLS8D28NP -3R3N□
3R3
3.3µH±30%
3.7
3.1
1.9
1.5
4.8
2.1
CLS8D28NP -4R5N□
4R5
4.5µH±30%
3.3
2.9
1.5
1.3
4.2
2.0
CLS8D28NP -6R8N□
6R8
6.8µH±30%
2.5
2.1
1.1
0.96
3.9
1.8
CLS8D28NP -1ØØN□
100
10µH±30%
2.2
1.8
1.0
0.9
3.1
1.5
CLS8D28NP -15ØN□
150
15µH±30%
1.5
1.3
0.77
0.64
2.4
1.1
CLS8D28NP -22ØN□
220
22µH±30%
1.3
1.1
0.63
0.54
1.9
0.9
CLS8D28NP –33ØN□
330
33µH±30%
1.2
0.95
0.53
0.44
1.5
0.8
CLS8D28NP –47ØN□
470
47µH±30%
1.0
0.84
0.47
0.39
1.4
0.6
CLS8D28NP –68ØN□
680
68µH±30%
0.72
0.61
0.41
0.33
1.1
0.5
CLS8D28NP -1Ø1N□
101
100µH±30%
0.58
0.51
0.31
0.28
0.92
0.4
CLS8D28NP -151N□
151
150µH±30%
0.47
0.40
0.24
0.22
0.76
0.32
CLS8D28NP -221N□
221
220µH±30%
0.41
0.35
0.19
0.17
0.56
0.28
※ Description Of Part Name
CLS8D28NP -1R0N□
※1. Saturation Current: The DC current at which the inductance decreases to 90% of it’s nominal value.
※2
.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B
Box
C
Carrier Tape


Similar Part No. - CLS8D28NP-150NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28 Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS8D28 SUMIDA-CLS8D28 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CLS8D28B SUMIDA-CLS8D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CLS8D28B SUMIDA-CLS8D28B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
More results

Similar Description - CLS8D28NP-150NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D28 SUMIDA-CLS4D28 Datasheet
161Kb / 2P
   Power Inductor & 2 in 1 Transformer < CLS Series>
CLS6D28 SUMIDA-CLS6D28_1 Datasheet
142Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS62 SUMIDA-CLS62 Datasheet
125Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com