Part Name
         Description
1N4148

 SMALL SIGNAL SWITCHING DIODE ( 3 Page)


HY
100% 
Zoom Out Zoom In
   
 3 page
background image
RATING AND CHARACTERISTIC CURVES
1N4148
~ 415 ~
FIG.4-RECTIFICATION EFFICIENCY
MEASUREMENT CIRCUIT
D.U.T
VO
60
Ω
VRF=2V
=
5K
Ω
2nF
IF
rF
FIG.7-DYNAMIC FORWARD RESISTANCE
VERSUS FORWARD CURRENT
Ω
10
-2
1
m
10
-1
1
10
10
2
10
10
2
10
3
10
4
FIG.5-RELATIVE CAPACITANCE
VERSUS VOLTAGE
VR
Ctot(VR)
Ctot(0V)
0
2
4
6
8
10V
0.7
0.8
0.9
1.0
1.1
TJ = 25
°C
f = 1 MHz
Tj
IR
nA
FIG.6-LEAKAGE CURRENT VERSUS
JUNCTION TEMPERATURE
0
1
°C
100
200
10
10
2
10
3
10
4
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDST-99-GSmall Signal Switching Diode 1 2 Comchip Technology
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
SPD571133 - 75 mA 16 - 50 VOLTS SCHOTTKY SMALL SIGNAL DIODE 1 2 Solid States Devices, Inc
LL4148Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
1N4448SMALL SIGNAL SWITCHING DIODES 1 2 3 Daesan Electronics Corp.
BAV19_01Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BAS16SMALL SIGNAL SWITCHING DIODES 1 2 3 Daesan Electronics Corp.
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAV23S_06Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl