Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78L06A Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # 78L06A
Description  3-Terminal Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78L06A Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  78L06A Datasheet HTML 1Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 2Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 3Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 4Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 5Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 6Page - Estek Electronics Co. Ltd 78L06A Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
BEIJING ESTEK ELECTRONICS CO.,LTD
Electrical Characteristics 78L10A
Electrical characteristics at specified virtual junction temperature, VI= 17V, IO = 40mA (unless otherwise noted)
78L10A
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
9.6
10
10.4
IO= 1mA to 40 mA,
VI= 13V to 25V
9.5
10
10.5
Output voltage**
IO= 1mA to 70mA,
0
°C to 125°C
9.5
10
10.5
V
VI= 13V to 25V
51
175
Input regulation
VI= 14V to 25V
25
°C
42
125
mV
Ripple rejection
VI= 15V to 25V, f= 120Hz
0
°C to 125°C
37
44
dB
IO= 1mA to 100mA
20
90
Output regulation
IO= 1mA to 40mA
25
°C
11
40
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
62
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.2
6
Bias current
125
°C
5.5
VI= 14V to 25V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
Electrical Characteristics 78L12A
Electrical characteristics at specified virtual junction temperature, VI= 19V, IO = 40mA (unless otherwise noted)
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
11.5
12
12.5
IO= 1mA to 40mA,
VI= 14V to 27V
11.4
12
12.6
Output voltage**
IO= 1mA to 70mA
0
°C to 125°C
11.4
12
12.6
V
VI= 14.5V to 27V
55
250
Input regulation
VI= 16V to 27V
25
°C
49
200
mV
Ripple rejection
VI= 15V to 25V, f= 120Hz
0
°C to 125°C
37
42
dB
IO= 1mA to 100mA
22
100
Output regulation
IO= 1mA to 40mA
25
°C
13
50
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
70
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.3
6.5
Bias current
125
°C
6
VI= 16V to 27V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33µF capacitor across the input and a 0.1µF
capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
78L12A
78LXX


Similar Part No. - 78L06A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L06AC ETC1-78L06AC Datasheet
84Kb / 7P
   The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
78L06ACD ETC-78L06ACD Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
78L06ACD ETC1-78L06ACD Datasheet
84Kb / 7P
   The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
78L06ACD-R1 ETC1-78L06ACD-R1 Datasheet
84Kb / 7P
   The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
78L06ACD-R2 ETC1-78L06ACD-R2 Datasheet
84Kb / 7P
   The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - 78L06A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05_1 Datasheet
122Kb / 3P
   3-Terminal Regulators
78XX ESTEK-78XX Datasheet
302Kb / 9P
   3-Terminal Regulators
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com