Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5534-BM Datasheet(PDF) 6 Page - Intersema Sensoric SA

Part # MS5534-BM
Description  BAROMETER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5534-BM Datasheet(HTML) 6 Page - Intersema Sensoric SA

Back Button MS5534-BM Datasheet HTML 2Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 3Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 4Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 5Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 6Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 7Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 8Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 9Page - Intersema Sensoric SA MS5534-BM Datasheet HTML 10Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
6
00005534B784
ECN 711
TYPICAL PERFORMANCE CURVES
ADC-value D1 vs Pressure (typical)
6000
8000
10000
12000
14000
16000
18000
20000
22000
0
100
200
300
400
500
600
700
800
900
1000
1100
Pressure (mbar)
Temp. -40°C
Temp. 25°C
Temp. 125°C
ADC-value D2 vs Temperature (typical)
18000
20000
22000
24000
26000
28000
30000
32000
34000
36000
38000
40000
42000
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
Absolute pressure accuracy after calibration (typical)
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
700
800
900
1000
1100
Pressure (mbar)
+125°C
+85°C
+70°C
+25°C
0°C
-40°C


Similar Part No. - MS5534-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534-BM ETC-MS5534-BM Datasheet
1,015Kb / 21P
   BAROMETER MODULE
More results

Similar Description - MS5534-BM

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
   BAROMETER MODULE
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
   BAROCAP Barometer PTB110
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com