Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXX Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # 78LXX
Description  3-Terminal Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78LXX Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

  78LXX Datasheet HTML 1Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 2Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 3Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 4Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 5Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 6Page - Estek Electronics Co. Ltd 78LXX Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
BEIJING ESTEK ELECTRONICS CO.,LTD
Electrical Characteristics 78L15A
Electrical characteristics at specified virtual junction temperature, VI= 23V, IO = 40mA (unless otherwise noted)
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
14.4
15
15.6
IO= 1mA to 40mA,
VI= 17.5V to 30V
14.25
15
15.75
Output voltage**
IO= 1mA to 70mA
0
°C to 125°C
14.25
15
15.75
V
VI= 17.5V to 30V
65
300
Input regulation
VI= 19V to 30V
25
°C
58
250
mV
Ripple rejection
VI= 18.5V to 28.5V, f= 120Hz
0
°C to 125°C
34
39
dB
IO= 1mA to 100mA
25
150
Output regulation
IO= 1mA to 40mA
25
°C
15
75
mV
Output noise voltage
f= 10Hz to 100KHz
25
°C
82
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.6
6.5
Bias current
125
°C
6
VI= 19V to 30V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
Electrical Characteristics 78L18A
Electrical characteristics at specified virtual junction temperature, VI= 26V, IO = 40mA (unless otherwise noted)
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
17.3
18
18.7
IO= 1mA to 40mA,
VI= 20.5V to 33V
17.1
18
18.9
Output voltage**
IO= 1mA to 70mA
0
°C to 125°C
17.1
18
18.9
V
VI= 20.5V to 33V
70
360
Input regulation
VI= 22V to 33V
25
°C
64
300
mV
Ripple rejection
VI= 21.5V to 31.5V,
f= 120Hz
0
°C to 125°C
32
36
dB
Output regulation
IO= 1mA to 100mA
27
180
IO= 1mA to 40mA
25
°C
19
90
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
89
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.7
6.5
Bias current
125
°C
6
VI= 22V to 33V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33µF capacitor across the input and a 0.1µF
capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
78L15A
78L18A
78LXX


Similar Part No. - 78LXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXX UTC-78LXX Datasheet
251Kb / 8P
   LINEAR INTEGRATED CIRCUIT
78LXX UTC-78LXX Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXX UTC-78LXX Datasheet
214Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
78LXX ARTSCHIP-78LXX Datasheet
5Mb / 13P
   POSTIVE VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
78LXX UMW-78LXX Datasheet
402Kb / 14P
   3TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - 78LXX

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05_1 Datasheet
122Kb / 3P
   3-Terminal Regulators
78XX ESTEK-78XX Datasheet
302Kb / 9P
   3-Terminal Regulators
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com