Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFMT1-434 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # QFMT1-434
Description  QM Radio Transmitter Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QFMT1-434 Datasheet(HTML) 2 Page - rfsolutions.ltd

  QFMT1-434 Datasheet HTML 1Page - rfsolutions.ltd QFMT1-434 Datasheet HTML 2Page - rfsolutions.ltd QFMT1-434 Datasheet HTML 3Page - rfsolutions.ltd QFMT1-434 Datasheet HTML 4Page - rfsolutions.ltd QFMT1-434 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS301-2
Oct 02
©2000 REG No 277 4001, England.
Page 2
QM Radio Transmitter Module
QFMT1-XXX
Absolute Maximum Ratings: Transmitter
Operating temperature:
-20
°C to +55°C
Storage temperature:
-40
°C to +100°C
Supply Voltage (pin 3)
10V
Data input (pin 5)
10V
RF Out (pin 2)
±50V @ < 10MHz , +20dBm @ > 10MHz
Electrical Characteristics: Transmitter
pin
min.
Typ.
max.
units
notes
DC LEVELS
Supply voltage
3
3.0
7.0
9.0
Volts
Current & RF POWER
433.92
Supply current @ VCC = 5V (data low/high)
3
3/12
mA
1
RF power @ VCC = 5V
2
0
+8
dBm
1
868
Supply current @ VCC = 5V (data low/high)
3
5/16
mA
1
RF power @ VCC = 5V
2
0
+3
dBm
1
916.5
Supply current @ VCC = 5V (data low/high)
3
5/16
mA
1
RF power @ VCC = 5V
2
0
+3
dBm
1
RF & Data
2
nd harmonic
-50
dBc
1
Harmonics @ > 1GHz
-46
dBc
1
Initial frequency accuracy
±75
KHz
Overall frequency accuracy
±100
KHz
FM deviation (
±)
10
KHz
Modulation bandwidth @ -3dB
20
KHz
Modulation distortion (THD)
%
Power up time to full RF
10
µs
Data rate
100
20000
bits/s
Data pulse width
100
µs
Note 1: measured into a 50
Ω impedance


Similar Part No. - QFMT1-434

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
QFMT5-434-128 RFSOLUTIONS-QFMT5-434-128 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
QFMT5-434-3V RFSOLUTIONS-QFMT5-434-3V Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
QFMT5-434-5V RFSOLUTIONS-QFMT5-434-5V Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
More results

Similar Description - QFMT1-434

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
   Radio transmitter module
logo
rfsolutions.ltd
QMR1 RFSOLUTIONS-QMR1 Datasheet
89Kb / 8P
   QM Receiver Module
FM-103C4-433 RFSOLUTIONS-FM-103C4-433 Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
   RADIO CONTROL TRANSMITTER IC
logo
rfsolutions.ltd
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
logo
Renesas Technology Corp
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com