Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRC2P Datasheet(PDF) 3 Page - ABCO ELECTRONICS CO.LTD

Part # WRC2P
Description  POWER TYPE WIRE WOUND CEMENT RESISTOR WITH GLASS ROD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WRC2P Datasheet(HTML) 3 Page - ABCO ELECTRONICS CO.LTD

  WRC2P Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
88
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
WRC SERIES
Type
Power
Resistance Range
Dimensions(mm)
Rating
J(
± 5%)
L
± 1.5
L1
± 1.2
L2
± 1.2
W
± 0.6
W1
H1
± 0.7
H2
± 1.7
Type
Power
Resistance Range
Dimensions(mm)
Rating
F(
± 1%) or J(± 5%)
L1
± 1
L2
± 1
L3
± 1
L4
± 1
H1
± 1
H2
± 1
H3
± 1
W1
± 1
W2
± 1
W3
± 1
Power
Resistance Range
Type
Rating
J(
± 5%)
Dimensions(mm)
WGR
WCR
WMR
P2
P3
W2
W3
L3
KD
L2
L
W
L1
W1
H2
H1
0.8
± 0.2
L(LUG-TYPE)
L1
L4
H1
H2
H3
L2
W1
W2
W3
L3
0.5
V-TYPE
HOW TO ORDER
L3
W3
0.6
D
K
W2
¿4.0
P2
P3
LA-TYPE
WRC 10L
10W
0.1~100K
48
13
35
9.5
6
9.5
20
WRC 15L
15W
0.1~100K
48
25
35
12.5
6
12.5
20
WRC 20L
20W
0.1~100K
63.5
25
48
12.5
6
12.5
20
WRC 25L
25W
0.1~100K
63.5
25
48
16
6/7.5
15.7
24/28
WRC 7V
7W
0.1~100K
49
10
4
5
1.5
11
9
9.5
1.5
10
WRC 10V
10W
0.1~100K
62
10
4
5
1.5
11
9
9.5
1.5
10
WRC 10LA
10W
0.1~600
0.1~600
600~75K
0.6
WRC 15LA
15W
0.1~800
0.1~800
800~68K
8.0
6.0
± 0.5
12
3.0
± 0.5
24
± 0.5
2.8
± 0.3
0.8
WRC 20LA
20W
0.1~1K
1K~50K
WRC
5
R
10
J
ABCO Code
Power Rating
Type
Resistance
Tolerance


Similar Part No. - WRC2P

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRC21FWX-O ETA-USA-WRC21FWX-O Datasheet
2Mb / 4P
   75W AC/DC
WRC24FWX-O ETA-USA-WRC24FWX-O Datasheet
2Mb / 4P
   75W AC/DC
WRC24SX-U ETA-USA-WRC24SX-U Datasheet
468Kb / 4P
   75 WATT AC/DC CONVERTER
logo
Stackpole Electronics, ...
WRC2A SEI-WRC2A Datasheet
255Kb / 4P
   Conformal Coated Welded Wirewound Resistor
11/23/2020
WRC2AJA10L0 SEI-WRC2AJA10L0 Datasheet
255Kb / 4P
   Conformal Coated Welded Wirewound Resistor
11/23/2020
More results

Similar Description - WRC2P

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
   Metal Plate Resistor Cement Type
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
Token Electronics Indus...
KNP-R TOKEN-KNP-R Datasheet
436Kb / 5P
   Power Wire wound Resistor
logo
TE Connectivity Ltd
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
   HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
RFE international
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
HRWA10W-10R-J-HS RFE-HRWA10W-10R-J-HS Datasheet
117Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com