Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5-434 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # T5-434
Description  FM Radio Transmitter & Receiver Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

T5-434 Datasheet(HTML) 5 Page - rfsolutions.ltd

  T5-434 Datasheet HTML 1Page - rfsolutions.ltd T5-434 Datasheet HTML 2Page - rfsolutions.ltd T5-434 Datasheet HTML 3Page - rfsolutions.ltd T5-434 Datasheet HTML 4Page - rfsolutions.ltd T5-434 Datasheet HTML 5Page - rfsolutions.ltd T5-434 Datasheet HTML 6Page - rfsolutions.ltd T5-434 Datasheet HTML 7Page - rfsolutions.ltd T5-434 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM Radio Transmitter & Receiver Modules
T5 / R5
DS305-8
Nov ‘05
©2005 REG No 277 4001, England.
Page 5
Electrical Characteristics: Receiver R5 ‘B’ Parts
Please note that the ‘B’ devices are supplied without can shield.
min.
typ.
Max.
units
notes
DC LEVELS
Supply voltage
4.5
5.0
5.5
Volts
Supply current
6
mA
Supply ripple
-
-
10
mVp-p
Data output high
=>4.0
V
Data output low
<=0.5
V
RF
RF sensitivity
-103
dBm
IF Bandwidth
230
KHz
1
Initial signal accuracy
±22
KHz
Max. RF input
20
dBm
E.M.C
Spurious responses upto 1GHz
<60
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
Image Rejection
60
dBm
Dynamic Timings
30
35
mS
20Kbps Part
Power up to stable data
(With RF signal present)
5
7
mS
64Kbps Part
2.5
mS
20Kbps Part
Signal to stable data
(With power supply already on)
1
mS
64Kbps Part
Power up to valid RSSI
(With RF signal present)
1
mS
All Versions
50
6000
uS
20Kbps Part
Data Pulse Widths
(SeeNote 2)
20
700
uS
50Kbps Part
3. IF bandwidth available down to 27KHz
4. The data slicer is optimised for a 50:50 duty cycle, hence for reliable communications data should be
encoded using a suitable scheme such as Manchester Encoding, though pulse width modulation up to
30:70/70:30 can also be utilised.


Similar Part No. - T5-434

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
   Miniature diaphragm pumps
logo
Mini-Circuits
T5-1T MINI-T5-1T Datasheet
160Kb / 1P
   RF Transformer
T5-1T++ MINI-T5-1T+ Datasheet
160Kb / 1P
   RF Transformer
T5-1T++ MINI-T5-1T+ Datasheet
264Kb / 1P
   Impedance ratios from 1:1 up to 16:1
T5-1T-KK81 MINI-T5-1T-KK81 Datasheet
75Kb / 1P
   Surface Mount RFTransformer
More results

Similar Description - T5-434

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com