Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRXQ1 Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # TRXQ1
Description  FM NARROW BAND TRANSCEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TRXQ1 Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button TRXQ1 Datasheet HTML 4Page - rfsolutions.ltd TRXQ1 Datasheet HTML 5Page - rfsolutions.ltd TRXQ1 Datasheet HTML 6Page - rfsolutions.ltd TRXQ1 Datasheet HTML 7Page - rfsolutions.ltd TRXQ1 Datasheet HTML 8Page - rfsolutions.ltd TRXQ1 Datasheet HTML 9Page - rfsolutions.ltd TRXQ1 Datasheet HTML 10Page - rfsolutions.ltd TRXQ1 Datasheet HTML 11Page - rfsolutions.ltd TRXQ1 Datasheet HTML 12Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS0353-9 March ‘05
©2005 Reg. No. 227 4001, ENGLAND
Page 11
TRXQ1
RXQ1
FM NARROW BAND TRANSCEIVERS
Antenna Design
The design and positioning of the aerial is as crucial as the module performance itself in achieving a good
wireless system range. The following will assist the designer in maximising system performance.
The RF ground pin should be connected to a ground plane which should shield the aerial connection and the
PCB layout around the aerial track itself should be such as to give a 50 Ohm impedance. The aerial should be
kept as far away from sources of electrical interference as physically possible. The specified power supply
decoupling capacitors should be placed close to the module as possible and have direct connections to the
relevant pins.
The antenna ‘hot end’ should be kept clear of any objects, especially any metal as this can severely restrict the
efficiency of the antenna to receive power. Earth planes restricting the radiation path of the antenna will also
have the same effect.
The best range will be achieved with either a straight piece of wire, rod or PCB track @ ¼ wavelength (15.5cm
@ 433.92MHz). Increased range may be achieved if this ¼ wave antenna is placed perpendicular to and in
the middle of a solid earth plane measuring at least 16cm radius.
In this case, the antenna should be
connected to the module using 50 Ohm coaxial cable and the PCB track layout tips given above should be
observed.
RF
RF
Helical Antenna
Whip Antenna
34mm @ 433MHz
17 turns equally spaced
∅ = 5mm (inside)
15.5cm @ 433MHz
Smart Radio Evaluation Kit (Please see Datasheet DS605)
The Smart Radio Evaluation Kit provides a hardware platform to enable
fast development of Radio applications.
Supplied as a pair of boards, each can accept a variety of RF Modules
including transmitters, receivers and transceivers, an RS232 port is
incorporated for direct connection to a PC.
The boards may be used for a wide range of tasks from simple RS232
data transmission to integrated system development and is the ideal
platform for exploring the advantages of using the “Smart Comms” range
of ICs and radio modules.
This eliminates the need to construct hand-wired prototype boards, which
are rarely successful in creating a valid environment for the development
of radio systems. (prototyping board also contains large stray capacitance
values which has a detrimental effect on the RF connections).
Hardware Platform for Radio Comms Development
Accepts Various RF Modules
RS232 Interface to PC
Supplied with RF600T Smart Comms Controller
Performs all Data Encryption for Reliable Data Comms.
Two Telemetry I/O Lines (addressed mode only)
Range Testing
Target Environment Testing
Antenna Evaluation
Contents
Two Eval Boards
Two RF600T Comms Controllers
Circuit diagrams
Two RS232 PC cables
Radio Modules and Antenna available
Separately.


Similar Part No. - TRXQ1

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
TRX-10GSFP-SR-MLX-C ATGBICS-TRX-10GSFP-SR-MLX-C Datasheet
376Kb / 10P
   TRX-10GSFP-SR-MLX Qnap Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
TRX-10GSFP-T-C ATGBICS-TRX-10GSFP-T-C Datasheet
223Kb / 6P
   TRX-10GSFP-T QNAP Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
TRX100075-C ATGBICS-TRX100075-C Datasheet
322Kb / 9P
   TRX100075 Transmode Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
TRX100100-C ATGBICS-TRX100100-C Datasheet
366Kb / 10P
   TRX100100 Transmode Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
TRX100103-C ATGBICS-TRX100103-C Datasheet
374Kb / 10P
   TRX100103 Transmode Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - TRXQ1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
   FM 433MHz Narrow Band
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
   NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
   Narrow Band FM Receiver Circuit
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
   NARROW BAND FM-IF AMPLIFIER
logo
Radiometrix Ltd
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
TOKO, Inc
TK14600 TOKO-TK14600 Datasheet
96Kb / 8P
   NARROW BAND FM IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com