Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6-86985 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # T6-86985
Description  Radio Transmitter & Receiver Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

T6-86985 Datasheet(HTML) 7 Page - rfsolutions.ltd

  T6-86985 Datasheet HTML 1Page - rfsolutions.ltd T6-86985 Datasheet HTML 2Page - rfsolutions.ltd T6-86985 Datasheet HTML 3Page - rfsolutions.ltd T6-86985 Datasheet HTML 4Page - rfsolutions.ltd T6-86985 Datasheet HTML 5Page - rfsolutions.ltd T6-86985 Datasheet HTML 6Page - rfsolutions.ltd T6-86985 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS306-3
May 03
2003 REG No 277 4001, England.
Page 7
Radio Transmitter & Receiver Modules
T6 / R6
Application Circuit
The application circuits show how the QFMT6 transmitter and the QFMR6 receiver can easily be integrated
into a system to form a wireless link.
Figure 3: QFMT6 Quasar Transmitter Application Circuit
Figure 4: QFMR6 Quasar Receiver Application Circuit
RSSI Values:
The QFMR6 RSSI output provides a DC output proportional to the RF input signal. The table shows the
typical RSSI value depending on the RF signal strength
Note
that the region between –90 and –70 is with receiver AGC (automatic gain control) operating.
If required, a receiver version with AGC disabled can be provided as a factory pre-set option. This would
linearise the RSSI curve.
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
http://www.rfsolutions.co.uk
Email sales@rfsolutions.co.uk
R F Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
RF Signal strength / dBm
-120 -110 -100 -90
-80
-70
-60
-50
-40
-30
-20
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
Typical RSSI Characteristics of the QFMR6
AGC
Action
RF Signal Strength / dBm
R
RS
SS
SII // V
V
--1
12
20
0
1
1..3
35
5
--1
11
10
0
1
1..4
41
1
--1
10
00
0
1
1..5
57
7
--9
90
0
1
1..7
79
9
--8
80
0
1
1..8
8
--7
70
0
1
1..8
8
--6
60
0
2
2..1
15
5
--5
50
0
2
2..4
45
5
--4
40
0
2
2..5
58
8
--3
30
0
2
2..5
59
9
--2
20
0
2
2..5
59
9
A0
A1
A2
A3
A4
A5
A6
A7
VSS
D8
D9
D10
D11
DIN
OSC2
OSC1
VT
VDD
1
2
3
4
5
6
7
8
910
11
12
13
14
16
18
HT12D
+5V
15
ROSC
DATA OUT 1
DATA OUT 2
DATA OUT 3
DATA OUT 4
17
1K5
ΩΩ
Quasar
R 5
12
34 5 6 7
+5V
ANTENNA
T5
A0
A1
A2
A3
A4
A5
A6
A7
VSS
AD8
AD9
AD10
AD11
TE\
OSC2
OSC1
DOUT
VDD
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
HT12E
ROSC
+5V
45
12
3
+5V
ANTENNA


Similar Part No. - T6-86985

ManufacturerPart #DatasheetDescription
logo
Suzhou Trophy Advance-T...
T6-01 TROPHY-T6-01 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
T6-01-1000 TROPHY-T6-01-1000 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
T6-01-1000 TROPHY-T6-01-1000 Datasheet
515Kb / 5P
   Operation Manual for Tension Meter
T6-01-200 TROPHY-T6-01-200 Datasheet
515Kb / 5P
   Operation Manual for Tension Meter
T6-01-500 TROPHY-T6-01-500 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
More results

Similar Description - T6-86985

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com