Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBJ6005
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBJ6005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBJ6005 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBJ6005 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has U/L flammability
classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL KBJ6005 KBJ601
KBJ602
KBJ604
KBJ606
KBJ608
KBJ610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 257 ~
KBJ6005 thru KBJ610
A
IR
1.0
I(AV)
-55 to +150
10
uA
A
175
6.0
2.8
-55 to +125
IFSM
120
55
1.8
500
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 6.0 Amperes
Dimensions in inches and (milimeters)
SILICON BRIDGE RECTIFIERS
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
KBJ
+
~ ~
_
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.213(5.4)
.197(5.0)
.157(4.0)
.173(4.4)
.043(1.1)
.035(0.9)
.075(1.9)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
SPACING
.303(7.7)
.287(7.3)
.287(7.3)
.303(7.7)
.402(10.2)
.386(9.8)


Similar Part No. - KBJ6005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ6005 RFE-KBJ6005 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Yangzhou yangjie electr...
KBJ6005 YANGJIE-KBJ6005 Datasheet
152Kb / 4P
   Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBJ6005 LUGUANG-KBJ6005 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005 Datasheet
1Mb / 2P
   BRIDGE RECTIFIER
logo
Suntan Capacitors
KBJ6005 SUNTAN-KBJ6005 Datasheet
368Kb / 2P
   Ideal for printed circuit board
More results

Similar Description - KBJ6005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com