Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6-8684-20 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # R6-8684-20
Description  Radio Transmitter & Receiver Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

R6-8684-20 Datasheet(HTML) 1 Page - rfsolutions.ltd

  R6-8684-20 Datasheet HTML 1Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 2Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 3Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 4Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 5Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 6Page - rfsolutions.ltd R6-8684-20 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS306-3
May 03
2003 REG No 277 4001, England.
Page 1
Radio Transmitter & Receiver Modules
T6 / R6
Features
Miniature SIL Package
Fully Shielded
Data Rates Up To 64kbits/S
Range upto 200 Metres
Single Supply Voltage
Industry Pin Compatible
QFMT6-XXX
Temp range –20°c + 55°c
European Versions;
868.4 MHz for 10% duty cycle band
869.85 MHz for 100% duty cycle band
American version;
915.0MHz
Bandwidth Efficient PLL technology
QFMR6-XXX
Single conversion FM superheteodyne using RF
SAW and ceramic IF filtering at 10.7 MHz
Image rejection 60dB
Analogue, digital outputs
Signal strength output (RSSI)
Incorporates AGC for improved dynamic range
Dynamic range better than 120dB
Single 5V supply
Applications
Vehicle Alarm Systems
Remote Gate Controls
Garage Door Openers
Domestic And Commercial Security
Description
The QFMT6 AND QFMR6 miniature UHF radio
modules enable the implementation of a reliable
telemetry link at data rates of up to 64 Kbits/s.
The QFMT6 is based on a classical phase lock loop
using a crystal reference oscillator. This results in an
accurately controlled RF output in the frequency
domain. A significant advantage of this is that narrow
filtering can then be used in the receiver, which
results in high interference immunity.
In addition, the modules are fitted with an on-board
voltage regulator which enhances performance from
improved supply filtering and also ensures a constant
RF output level.
The QFMR6 is based on the single conversion
superhet principle utilising a crystal based phase lock
loop for accurate generation of the local oscillator.
This allows use of high Q bandpass filters resulting in
good adjacent channel selectivity and high
interference immunity.
The QFMT6 and QFMR6 modules will suit one-to-one
and multi-node wireless links in applications including
building and car security, remote industrial process
monitoring and computer networking.
Because of its small size and low power
requirements, these modules are ideal for use in
portable battery powered wireless applications.
These modules may be used within areas of high
interference, or ‘radio traffic’. Due to the design, they
provide a highly reliable radio link.


Similar Part No. - R6-8684-20

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6-NC1 MSYSTEM-R6-NC1 Datasheet
173Kb / 6P
   Remote I/O R6 Series CC-Link INTERFACE MODULE
R6-NC1/Q MSYSTEM-R6-NC1/Q Datasheet
172Kb / 6P
   Remote I/O R6 Series CC-Link INTERFACE MODULE
R6-NC1/Q MSYSTEM-R6-NC1/Q Datasheet
173Kb / 6P
   Remote I/O R6 Series CC-Link INTERFACE MODULE
R6-NC3 MSYSTEM-R6-NC3 Datasheet
314Kb / 9P
   Remote I/O R6 Series CC-Link INTERFACE MODULE
R6-NC3/Q MSYSTEM-R6-NC3/Q Datasheet
314Kb / 9P
   Remote I/O R6 Series CC-Link INTERFACE MODULE
More results

Similar Description - R6-8684-20

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com