Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ1004 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBJ1004
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBJ1004 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBJ1004 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBJ1004 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has UL flammability
classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
10005
1001
1002
1004
1006
1008
1010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=110℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 150mm*150mm*1.6mm cu plate heatsink.
~ 261 ~
KBJ10005 thru KBJ1010
A
IR
1.0
I(AV)
-55 to +150
10
uA
A
240
10.0
3.0
-55 to +125
IFSM
120
55
1.4
500
SILICON BRIDGE RECTIFIERS
UNIT
SYMBOL
CHARACTERISTICS
REVERSE VOLTAGE
-
50 to 1000Volts
FORWARD CURRENT
- 10 Amperes
Dimensions in inches and (milimeters)
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
KBJ
+
~ ~
_
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.213(5.4)
.197(5.0)
.157(4.0)
.173(4.4)
.043(1.1)
.035(0.9)
.075(1.9)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
SPACING
.303(7.7)
.287(7.3)
.287(7.3)
.303(7.7)
.402(10.2)
.386(9.8)


Similar Part No. - KBJ1004

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBJ1004 PANJIT-KBJ1004 Datasheet
114Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ1004 YFWDIODE-KBJ1004 Datasheet
503Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
RFE international
KBJ1004 RFE-KBJ1004 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Guangdong Juxing Electr...
KBJ1004 JUXING-KBJ1004 Datasheet
1Mb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Components Intern...
KBJ1004 FCI-KBJ1004 Datasheet
138Kb / 2P
   10 Amps Single-Phase Silicon Bridge Rectifiers High surge current capability
More results

Similar Description - KBJ1004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com