Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL4G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBL4G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL4G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBL4G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL4G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -125~150 Amperes peak
ldeal for printed circuit board
Plastic material has UL flammability classification 94V-0
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBL
KBL
KBL
KBL
KBL
KBL
KBL
6005G
601G
602G
604G
606G
608GG
610G
KBL
KBL
KBL
KBL
KBL
KBL
KBL
005G
01G
02G
04G
06G
08G
10G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
4.0A
Current at 50
℃ TA (Note1)
6.0A
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
4.0A
Super Imposed on Rated Load
6.0A
Maximum Forward Voltage Drop Per Element
at 4.0/3.0A Peak
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Reverse Current at
Rated DC Blocking Voltage and 150℃TA
Operating Temperature RangeTJ
TJ
Storage Temperature Range TA
TSTG
I(AV)
mA
NOTES:1. Mounting conditions ,0.5″ lead length maximum.
~ 277 ~
1.0
-55 to +150
-55 to +150
A
A
4.0
1.1
10.0
uA
V
6.0
KBL4G/KBL6G SERIES
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 4/6Amperes
UNIT
CHARACTERISTICS
Dimensions in inches and (milimeters)
SYMBOL
VF
IR
IR
125
150
IFSM
KBL
.728(18.5)
.768(19.5)
.640(16.3)
.600(15.2)
.547(13.9)
.587(14.9)
.048(1.2)TYP.
.052(1.3)DIA.
MIN.
.750
(19.0)
.180(4.6)
.220(5.6)
.256(6.5)
.236(6.0)
.087(2.2)
.071(1.8)


Similar Part No. - KBL4G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBL4G YFWDIODE-KBL4G Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBL4G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com