Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS100T300-12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # GS100T300-12
Description  70W/100W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS100T300-12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GS100T300-12 Datasheet HTML 2Page - STMicroelectronics GS100T300-12 Datasheet HTML 3Page - STMicroelectronics GS100T300-12 Datasheet HTML 4Page - STMicroelectronics GS100T300-12 Datasheet HTML 5Page - STMicroelectronics GS100T300-12 Datasheet HTML 6Page - STMicroelectronics GS100T300-12 Datasheet HTML 7Page - STMicroelectronics GS100T300-12 Datasheet HTML 8Page - STMicroelectronics GS100T300-12 Datasheet HTML 9Page - STMicroelectronics GS100T300-12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10/10
Safety approvals
The converter is agency certified to the following safety requirements.
Agency
Requirements
License Number
UL
UL-STD-1950
E141284
TUV
EN 60950
R 9371740.1
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics – All Rights Reserved
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® TUV is a registered trademark of TUV Rheinland.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® TUV is a registered trademark of TUV Rheinland.
GS70/100T300 Family


Similar Part No. - GS100T300-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS100 ETC2-GS100 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
MTU Onsite Energy Corpo...
GS100-6S MTU-GS100-6S Datasheet
546Kb / 4P
   GAS GENERATOR SET
logo
SUNMATE electronic Co.,...
GS1000F SUNMATE-GS1000F Datasheet
352Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1000FL PANJIT-GS1000FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1000FL PANJIT-GS1000FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
More results

Similar Description - GS100T300-12

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
   36-100W High Efficiency DC/DC Converters
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com