Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8005G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBU8005G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU8005G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBU8005G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU8005G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -125~175 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has UL
Mounting postition:Any
Mounting torgue:5 In.Ib.Max
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBU4005G KBU401G KBU402G KBU404G KBU406G KBU408G KBU410G
KBU6005G KBU601G KBU602G KBU604G KBU606G KBU608G KBU610G
KBU8005G KBU801G KBU802G KBU804G KBU806G KBU808G KBU810G
Maximum Recurrent Peak Reverse Voltage
50
100
200
40
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
40
600
800
1000
V
Maximum Average Forward
TC=100℃
4.0
8.0
A
Rectified Output Current at
TA=50℃/40℃/45℃
4.0
6.0
A
Peak Forward Surage Current 8.3ms single
Half Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
Maximum Instantanous Forward Voltage Drop
per Element at4.0A/3.0A/4.0A
Maximum Reverse Leakage at rated TA=25℃
10
10
μA
DC Blocking Voltage Per Element
TA=100℃
100
300
mA
Operating and Storage Temperature Range TJ.TSTG
GLASS PASSIVATED
CHARACTERISTICS
6.0
150
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 4 / 6 / 8 Amperes
A
mV
KBU6G
UNIT
1.1
6.0
1.1
10
175
1.1
-55 to +150
~ 279 ~
KBU4A/6A/8A(G) SERIES
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
KBU4G
KBU8G
125
200
KBU
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00
MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.276(7.0)
.15
X23L
(3.8
X5.7L)
HOLE THRU
Ø
Ø


Similar Part No. - KBU8005G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU8005G SECOS-KBU8005G Datasheet
894Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
logo
HY ELECTRONIC CORP.
KBU8005G HY-KBU8005G Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
KBU8005G-G COMCHIP-KBU8005G-G Datasheet
63Kb / 2P
   Glass Passivated Bridge Rectifier
logo
HY ELECTRONIC CORP.
KBU8005G HY-KBU8005G_V01 Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU8005G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com