Electronic Components Datasheet Search |
|
K24C32R-ET-S Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd |
|
K24C32R-ET-S Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd |
1 / 12 page E P R O M ¡Wide Voltage Operation - VCC = 1.8V to 5.5V ¡Operating Ambient Temperature: -40 。C to +85。C ¡Internally Organized: - 24C32, 4096 X 8 (32K bits) - 24C64, 8192 X 8 (64K bits) ¡Two-wire Serial Interface ¡Schmitt Trigger, Filtered Inputs for Noise Suppression ¡Bidirectional Data Transfer Protocol ¡1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility ¡Write Protect Pin for Hardware Data Protection ¡32-byte Page (32K, 64K) Write Modes ¡Partial Page Writes Allowed ¡Self-timed Write Cycle (5 ms max) ¡High-reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years ¡8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages ¡Die Sales: Wafer Form, Waffle Pack Features General Description The 24C32/ 24C64 provides 32,768/65,536 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 4096/8192 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The 24C32/ 24C64 is available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages and is accessed via a two-wire serial interface. Pin Configuration Pin Descriptions Pin Designation A0 - A2 SDA SCL GND WP VCC Name and Functions Write Protect Address Inputs Serial Data Serial Clock Input Ground Power Supply I I I P P Type ¡Table 1: Pin Configuration I/O & Open-drain SDA SCL WP VCC 1 2 3 4 8 7 6 5 A0 A1 A2 GND 8-lead PDIP SDA SCL WP VCC 1 2 3 4 8 7 6 5 A0 A1 A2 GND 8-lead SOP SDA SCL WP VCC 1 2 3 4 8 7 6 5 A0 A1 A2 GND 8-lead TSSOP 1 24C32 / 24C64 BEIJING ESTEK ELECTRONICS CO.,LTD |
Similar Part No. - K24C32R-ET-S |
|
Similar Description - K24C32R-ET-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |