Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR808 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # BR808
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BR808 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  BR808 Datasheet HTML 1Page - HY ELECTRONIC CORP. BR808 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -200 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
BR8005
BR801
BR802
BR804
BR806
BR808
BR810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum Average Forward
Tc=100℃ (Note1)
Rectified Output Current at
TA=40℃
(Note2)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 4.0A Peak
Maximum Reverse Current at Rated TA=25℃
uA
DC Blocking Voltage Per Element
TA=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
~ 349 ~
Notes:1.Unit mounted on metal chassis
-55 to +125
IFSM
-55 to +125
2. Unit mounted on P.C. board
V
1.0
200
BR8 SERIES
A
IR
10.0
1.0
VF
I(AV)
8.0
3.0
A
SILICON BRIDGE RECTIFIERS
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
-
50 to 1000Volts
FORWARD CURRENT
-
8.0 Amperes
Dimensions in inches and (milimeters)
Polarity shown on side of case, Positive lead by beveled corner.
BR8
DIA.
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
.480(12.2)
.520(13.2)
.520(13.2)
.480(12.2)
HOLE FOR
NO.6 SCREW
.048(1.2)
.052(1.3)
.255(6.5)
.296(7.5)
.750
(19.0)
MIN


Similar Part No. - BR808

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR808 EIC-BR808 Datasheet
17Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
BR808 EDAL-BR808 Datasheet
68Kb / 1P
   Silicon Bridge Rectifiers 8 Amps to 10 Amps
logo
GOOD-ARK Electronics
BR808 GOOD-ARK-BR808 Datasheet
93Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
BR808 EIC-BR808 Datasheet
47Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
BR808 CHENDA-BR808 Datasheet
74Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR808

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com