Electronic Components Datasheet Search |
|
K24C020-DIT-S Datasheet(PDF) 10 Page - Estek Electronics Co. Ltd |
|
K24C020-DIT-S Datasheet(HTML) 10 Page - Estek Electronics Co. Ltd |
10 / 13 page O M AC Electrical Characteristics ¡Applicable over recommended operating range from TA = -40 。C to +85。C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted) Note Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Start Hold Time Clock Low to Data Out Valid Noise Suppression Time Time the bus must be free before a new transmission can start Start Setup Time Data In Hold Time Data In Setup Time Data Out Hold Time Write Cycle Time Inputs Fall Time(1) Inputs Rise Time(1) Stop Setup Time fSCL tLOW tHIGH tHD.STA tAA tI tBUF tSU.STA tHD.DAT tSU.DAT tDH tWR 5.0V, 25。C, Byte Mode - 1.2 0.6 0.6 0.05 - 1.2 0.6 0 100 50 - - - 0.6 1M - - - - - - - - - - - - - - - - 400 - - - 0.9 50 - - - - - 5 300 0.3 - - - 0.6 0.4 0.25 0.05 - 0.5 0.25 0 100 50 - - - 0.25 - - - - - - - - - - - - - - - - - 1000 - - - 0.55 40 - - - - - 5 100 0.3 - - kHz ns ns ms ns Write Cycles Endurance tF tR tSU.STO Max. Units Min. Symbol Typ. 1.8-volt Max. Min. Typ. 5.0-volt s s s s s s s s s s 1. This parameter is characterized and is not 100% tested. 2. AC measurement conditions: RL ( connects to VCC): 1.3 k (2.5V, 5V), 10 k (1.8V) Input pulse voltages: 0.3 VCC to 0.7 VCC Input rise and fall time: 50 ns Input and output timing reference voltages: 0.5 VCC The value of RL should be concerned according to the actual loading on the user's system. 10 BEIJING ESTEK ELECTRONICS CO.,LTD 24C02 / 24C04 / 24C08 / 24C16 |
Similar Part No. - K24C020-DIT-S |
|
Similar Description - K24C020-DIT-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |