Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1500 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # R1500
Description  HIGH VOLTAGE RECTIGIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

R1500 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  R1500 Datasheet HTML 1Page - HY ELECTRONIC CORP. R1500 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
R1200/R1200F SERIES
~ 44 ~
NUMBER OF CYCLES AT 60Hz
30
20
10
0
40
1
2
4
10
20
40
100
50
FIG.4-PEAK FORWARD SURGE CURRENT
FIG.1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
NOTES: 1. Rise Time=7ns max,Input impedance=
1 megohm,22pF
2. Rise Time=10ns max,Source Impedance=
50 oh ms.
50
Ω
NONINDUCTIVE
10
Ω
NONINDUCTIVE
1
Ω
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
(-)
(+)
D.U.T
25 VDC
(APPROX)
(+)
(-)
1CM
-1.0A
-0.25A
0
+0.5A
TRR
SET TIME BASE
FOR 50/1000ns/cm
FIG. 2
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
0.2
0.1
0
0.3
0.4
0.5
0.6
25
50
125
100
75
150
175
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0.375
”LEAD LENGTH
R1200-R2000
R2500-R5000
FLG.3
–TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE.VOLTS
0.01
0.1
0.5
1.0
10
1.0
2.0
3.0
4.0
5.0
6.0
7.0
R1200-5000
R1200-2000F
R2500-5000
R2500-5000F
TJ = 25
°C


Similar Part No. - R1500

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1500 ZOWIE-R1500 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
R1500 SEMTECH_ELEC-R1500 Datasheet
278Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Diode Semiconductor Kor...
R1500 DSK-R1500 Datasheet
55Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Rectron Semiconductor
R1500 RECTRON-R1500 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Shanghai Lunsure Electr...
R1500 CHENYI-R1500 Datasheet
42Kb / 2P
   500Milliamp high voltage silicon rectifier 1200 to 2000 volts
More results

Similar Description - R1500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
   High-Voltage Amp, High-Voltage Switching
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E_06 Datasheet
51Kb / 2P
   HIGH VOLTAGE
logo
Winchester Electronics ...
231-510-0000G WINCHESTER-231-510-0000G Datasheet
39Kb / 1P
   HIGH VOLTAGE
logo
Illinois Capacitor, Inc...
MWS ILLINOISCAPACITOR-MWS Datasheet
171Kb / 2P
   High Voltage
logo
Inchange Semiconductor ...
BU932 ISC-BU932 Datasheet
197Kb / 2P
   High Voltage
BUJ302A ISC-BUJ302A Datasheet
195Kb / 2P
   High Voltage
2SC5116 ISC-2SC5116 Datasheet
192Kb / 2P
   High Voltage
logo
International Rectifier
IRK.56 IRF-IRK.56 Datasheet
176Kb / 9P
   High Voltage
logo
Vishay Siliconix
VS-VSKT71 VISHAY-VS-VSKT71 Datasheet
327Kb / 9P
   High voltage
Revision: 21-Mar-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com