Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL311 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL311 Datasheet(HTML) 3 Page - Texas Instruments

  TIL311 Datasheet HTML 1Page - Texas Instruments TIL311 Datasheet HTML 2Page - Texas Instruments TIL311 Datasheet HTML 3Page - Texas Instruments TIL311 Datasheet HTML 4Page - Texas Instruments TIL311 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
SODS001D – MARCH 1972 – REVISED DECEMBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram
4-Bit
Latch
Decoder
Constant
Current
Driver
Latch
Data
Inputs
A
B
C
D
Left Decimal
Point Cathode
Right Decimal
Point Cathode
Latch Strobe
Input
Blanking
Input
Logic
Supply
LED
Supply
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Supply voltage, VCC, logic (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, LED (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (pins 2, 3, 5, 8, 12, 13) (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Decimal point current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range (see Note 2)
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Voltage values are with respect to common ground terminal.
2. Case temperature is the surface temperature of the plastic measured directly over the integrated circuit. Forced-air cooling may be
required to maintain this temperature.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC, logic
4.5
5
5.5
V
Supply voltage, VLED, LED
4
5
5.5
V
Decimal point current, IF(DP)
5
mA
Pulse duration, tw, latch strobe
40
ns
Setup time, tsu
50
ns
Hold time, th
40
ns


Similar Part No. - TIL311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311 Datasheet
93Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
TIL311 TAOS-TIL311 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
TIL311A TI-TIL311A Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
More results

Similar Description - TIL311

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311 Datasheet
93Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
4N56 ETC1-4N56 Datasheet
209Kb / 5P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
4N54 TI-4N54 Datasheet
265Kb / 5P
[Old version datasheet]   HERMETIC HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
   HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
   COUNTERS DECADE HEXADECIMAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com