Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3M Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # S3M
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

S3M Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  S3M Datasheet HTML 1Page - HY ELECTRONIC CORP. S3M Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
S3A thru S3M
~ 36 ~
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ℃
25
50
75
100
125
150
175
5.0
4.0
3.0
2.0
1.0
0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
TJ
=125
TJ
=25
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
TJ=25
PULSE WIDTH 300US
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
2
5
10
20
50
100
120
40
0
80
160
200


Similar Part No. - S3M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3M PANJIT-S3M Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Nanjing International G...
S3M DGNJDZ-S3M Datasheet
118Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
S3M SY-S3M Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Semikron International
S3M SEMIKRON-S3M Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
S3M BILIN-S3M Datasheet
562Kb / 4P
   Surface Mount Rectifiers
More results

Similar Description - S3M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
   Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
   Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
DACO SEMICONDUCTOR CO.,...
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM1A DACO-SM1A Datasheet
153Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
   Surface Mount Glass Passivated Rectifiers
logo
Silicon Standard Corp.
S1A SSC-S1A Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com