Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN04TR1R5K Datasheet(PDF) 3 Page - ABCO ELECTRONICS CO.LTD

Part # AN04TR1R5K
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AN04TR1R5K Datasheet(HTML) 3 Page - ABCO ELECTRONICS CO.LTD

  AN04TR1R5K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
46
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Inductance
I max.
Rdc max.
I max.
Rdc max.
I max.
Rdc max.
I max.
Rdc max.
I max.
Rdc max.
I max.
Rdc max.
[mA]
[
Ω ][mA]
[
Ω ][mA]
[
Ω ][mA]
[
Ω ][mA]
[
Ω ][mA]
[
Ω ]
0.22
0.22
0.22
0.22
1.0
0.12
AVAILABLE INDUCTANCE RANGE
Type
AL02
ALC02
ALN02
AL03
AL04
AL05
Range
0
1
10
100
1000
2200
8200
10000
I max.[mA]
Rdc max.[
Ω] I max.[mA] Rdc max.[Ω] I max.[mA] Rdc max.[Ω] I max.[mA] Rdc max.[Ω] I max.[mA] Rdc max.[Ω] I max.[mA] Rdc max.[Ω]
470
470
100
1000
10000
1500
● Examples
1
µH
270
0.8
510
0.4
500
0.32
270
0.8
920
0.19
5600
0.022
10
µH
160
2.3
270
1.4
280
1.0
160
2.3
500
0.58
2100
0.062
100
µH
44
12
105
9.1
120
5.690
7.0
275
1.80
700
0.480
1000
µH-
-
-
40
33.0
100
14.0
240
5.800
2200
µH
-
---
80
40.0
-
8200
µH
-
---
45
116.0
-
10000
µH
-
---
35
148.0
-


Similar Part No. - AN04TR1R5K

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
More results

Similar Description - AN04TR1R5K

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com