Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN04TR1R5K Datasheet(PDF) 8 Page - ABCO ELECTRONICS CO.LTD

Part # AN04TR1R5K
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AN04TR1R5K Datasheet(HTML) 8 Page - ABCO ELECTRONICS CO.LTD

Back Button AN04TR1R5K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 10Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 11Page - ABCO ELECTRONICS CO.LTD AN04TR1R5K Datasheet HTML 12Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
51
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rated
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ]
[mA]
(min.)
(max.)
(max.)
●AL04
*please specify the taping configuration code.
*
: A, B, R
AL04T
R22K
0.22
300
0.10
1400
AL04T
R27K
0.27
270
0.11
1320
AL04T
R33K
0.33
250
0.12
1280
AL04T
R39K
0.39
230
0.13
1200
AL04T
R47K
0.47
220
0.14
1150
AL04T
R56K
0.56
200
0.15
1100
AL04T
R68K
0.68
190
0.16
1030
AL04T
R82K
0.82
172
0.17
980
AL04T
1R0K
1.0
157
0.19
920
AL04T
1R2K
1.2
144
0.21
880
AL04T
1R5K
1.5
131
0.23
830
AL04T
1R8K
1.8
121
0.25
790
AL04T
2R2K
2.2
110
0.28
750
AL04T
2R7K
2.7
100
0.30
720
AL04T
3R3K
3.3
94
0.34
670
AL04T
3R9K
3.9
65
0.37
640
AL04T
4R7K
4.7
56
0.39
620
AL04T
5R6K
5.6
48
0.43
590
AL04T
6R8K
6.8
37
0.48
550
AL04T
8R2K
8.2
25
0.52
530
AL04T
100K
10
21
0.58
500
AL04T
120K
12
19
0.63
480
AL04T
150K
15
17
0.72
460
AL04T
180K
18
13
0.77
430
AL04T
220K
22
9.6
0.84
410
AL04T
270K
27
7.2
0.94
390
AL04T
330K
33
6.3
1.03
370
AL04T
390K
39
6.3
1.12
350
AL04T
470K
47
6.3
1.22
340
AL04T
560K
56
6.2
1.34
320
AL04T
680K
68
5.7
1.47
305
AL04T
820K
82
5.3
1.62
290
AL04T
101K
100
4.8
1.80
275
AL04T
121K
120
3.8
3.70
185
AL04T
151K
150
3.5
4.20
175
AL04T
181K
180
3.3
4.60
165
AL04T
221K
220
3.0
5.10
155
AL04T
271K
270
2.8
5.80
145
AL04T
331K
330
2.6
6.40
137
AL04T
391K
390
2.4
7.00
133
AL04T
471K
470
2.25
7.70
126
AL04T
561K
560
2.10
8.50
120
AL04T
681K
680
1.95
9.40
113
AL04T
821K
820
1.85
10.5
105
AL04T
102K
1000
1.40
14.0
100
AL04T
122K
1200
1.20
22.0
110
AL04T
152K
1500
1.10
25.0
100
AL04T
182K
1800
0.98
28.0
90
AL04T
222K
2200
0.90
40.0
80
AL04T
272K
2700
0.85
44.0
70
AL04T
332K
3300
0.81
50.0
70
AL04T
392K
3900
0.72
63.0
60
AL04T
472K
4700
0.60
69.0
55
AL04T
562K
5600
0.55
77.0
50
AL04T
682K
6800
0.50
104.0
45
AL04T
822K
8200
0.48
116.0
45
AL04T
103K
10000
0.40
148.0
35
45
50
55
60
65
70
75
80
65
50
55
50
45
40
35
30
55
45
50
50
30
50
40
55
65
60
55
25.2
7.96
2.52
0.796
0.252
± 10%
(
± 5%)


Similar Part No. - AN04TR1R5K

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
More results

Similar Description - AN04TR1R5K

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com