Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY135 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # BY135
Description  MINIATURE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BY135 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  BY135 Datasheet HTML 1Page - HY ELECTRONIC CORP. BY135 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
BY134 thru BY135
~ 6 ~
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5mm) LEAD LENGTHS
(5mm
×5mm)
0.2"
×0.2"CU LEAFS
0.2
0
1.0
0.4
0.6
0.8
0
150
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
TJ = 25
°
CPULSE WIDTH 300us
2%DUTY CYCLE
0
0.02
0.04
0.2
2.0
0.4
0.1
1.0
0.6
0.8
1.0
1.2
1.4
1.5
4.0
20
0
10
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG. 3
– MAXIMUM NON-REPETITIVE SURGE CURRENT
20
15
10
5
25
1
2
4
10
20
40
100
35
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
Ta=75℃
10
20
60
200
40
100
0.01
0.1
0.4
2
4
10
400
1000
600
1.0
0.04
0.02
0.2
FIG. 4
– PEAK FORWARD SURGE CURRENTAMPERES
PULSE DURATION.MILSECONDS
TJ=25
NON-REPETITIVE
SQUARE PULSE
DI
DT
200uS
FIG.5
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
140
0
20
40
60
80
100
120
0.01
0.04
0.1
0.4
1.0
10
4
TJ = 100
°C
TJ = 25
°C
FIG.6-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTGE
10
4
2
1
20
1
2
4
10
20
40
100
0.4
0.1 0.2
40
100
TJ = 25
°C
f = 1.0 MHz
Vaig =50MV p-p


Similar Part No. - BY135

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY135 DIOTEC-BY135 Datasheet
179Kb / 2P
   Silicon Rectifiers
logo
Semikron International
BY135 SEMIKRON-BY135 Datasheet
131Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY135 DIOTEC-BY135 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Semikron International
BY135 SEMIKRON-BY135 Datasheet
135Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY135 DIOTEC-BY135 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
More results

Similar Description - BY135

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKB2 SEMIKRON-SKB2 Datasheet
231Kb / 3P
   Miniature Bridge Rectifiers
SKBB80C1500L5B SEMIKRON-SKBB80C1500L5B Datasheet
75Kb / 3P
   Miniature Bridge Rectifiers
SKBB500C3200 SEMIKRON-SKBB500C3200 Datasheet
78Kb / 4P
   Miniature Bridge Rectifiers
SKBB40C1000L5B SEMIKRON-SKBB40C1000L5B_07 Datasheet
226Kb / 3P
   Miniature Bridge Rectifiers
SKBB40C1500L5B SEMIKRON-SKBB40C1500L5B_07 Datasheet
220Kb / 3P
   Miniature Bridge Rectifiers
SKB2 SEMIKRON-SKB2_07 Datasheet
234Kb / 3P
   Miniature Bridge Rectifiers
SKB501 SEMIKRON-SKB501 Datasheet
75Kb / 2P
   Miniature Bridge Rectifiers
SKBB80C1000L5B SEMIKRON-SKBB80C1000L5B Datasheet
52Kb / 3P
   Miniature Bridge Rectifiers
SKB101 SEMIKRON-SKB101 Datasheet
91Kb / 2P
   Miniature Bridge Rectifiers
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com