Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS53B Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SS53B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS53B Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SS53B Datasheet HTML 1Page - HY ELECTRONIC CORP. SS53B Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SS52B thru SS510B
~ 174 ~
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
200
150
100
50
0
100
50
20
10
1
2
5
FIG. 1
– FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
2.0
0
25
4.0
6.0
50
75
100
125
150
175
1.0
3.0
5.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375″(9.5mm) LEAD LENGTHS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
0.1
10
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
100
1.0
SS52B
SS55B-SS56B
SS53B
SS54B
SS58B-
TJ = 25
°C
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
4000
1000
100
1
10
100
SS52B -SS54B
SS55B -SS56B
TJ = 25
°C f = 1 MHz
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.01
0.1
20
1.0
0.001
0
10
TJ=75
TJ=100
TJ=25


Similar Part No. - SS53B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS53B YANGJIE-SS53B Datasheet
148Kb / 2P
   Schottky Rectifier
logo
SAMYANG ELECTRONICS CO....
SS53B SAMYANG-SS53B Datasheet
966Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS53B FRONTIER-SS53B Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
SS53B RFE-SS53B Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
logo
Shenzhen Luguang Electr...
SS53B LUGUANG-SS53B Datasheet
597Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS53B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com