Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C13 Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # BZX55C13
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BZX55C13 Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  BZX55C13 Datasheet HTML 1Page - HY ELECTRONIC CORP. BZX55C13 Datasheet HTML 2Page - HY ELECTRONIC CORP. BZX55C13 Datasheet HTML 3Page - HY ELECTRONIC CORP. BZX55C13 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX55C SERIES
500mW ZENER DIODES/DO-35/DL-35(MINI MELF)
OPRERATING AND STORAGE TEMPERATURE -55℃to+200℃
ZZT @ IZT
ZZT @ IZK
IR
@
VR
Min
Max
mA
Ohms
Ohms
mA
μA
Volts
mA
mA
BZX55C2V4
2.28
2.56
5.0
85
600
1.0
50
1.0
0.085
155
BZX5C2V7
2.50
2.90
5.0
85
600
1.0
10
1.0
0.080
135
BZX55C3V0
2.80
3.20
5.0
85
600
1.0
4.0
1.0
0.075
125
BZX55C3V3
3.10
3.50
5.0
85
600
1.0
2.0
1.0
0.070
115
BZX55C3V6
3.40
3.80
5.0
85
600
1.0
2.0
1.0
0.065
105
BZX55C3V9
3.70
4.10
5.0
85
600
1.0
2.0
1.0
0.060
95
BZX55C4V3
4.00
4.60
5.0
75
600
1.0
1.0
1.0
±0.055
90
BZX55C4V7
4.40
5.00
5.0
60
600
1.0
0.5
1.0
±0.030
85
BZX55C5V1
4.80
5.40
5.0
35
550
1.0
0.1
1.0
±0.030
80
BZX55C5V6
5.20
6.00
5.0
25
450
1.0
0.1
1.0
0.038
70
BZX55C6V2
5.80
6.60
5.0
10
200
1.0
0.1
2.0
0.045
64
BZX55C6V8
6.40
7.20
5.0
8
150
1.0
0.1
3.0
0.050
58
BZX55C7V5
7.00
7.90
5.0
7
50
1.0
0.1
5.0
0.058
53
BZX55C8V2
7.70
8.70
5.0
7
50
1.0
0.1
6.2
0.062
74
BZX55C9V1
8.50
9.60
5.0
10
50
1.0
0.1
6.8
0.068
43
BZX55C10
9.40
10.6
5.0
15
70
1.0
0.1
7.5
0.075
40
BZX55C11
10.4
11.6
5.0
20
70
1.0
0.1
8.2
0.076
36
BZX55C12
11.4
12.7
5.0
20
90
1.0
0.1
9.1
0.077
32
BZX55C13
12.4
14.1
5.0
26
110
1.0
0.1
10
0.079
29
BZX55C15
13.8
15.6
5.0
30
110
1.0
0.1
11
0.082
27
BZX55C16
15.3
17.1
5.0
40
170
1.0
0.1
12
0.083
24
BZX55C18
16.8
19.1
5.0
50
170
1.0
0.1
13
0.085
21
BZX55C20
18.8
21.2
5.0
55
220
1.0
0.1
15
0.086
20
BZX55C22
20.8
23.3
5.0
55
220
1.0
0.1
16
0.087
18
BZX55C24
22.8
25.6
5.0
80
220
1.0
0.1
18
0.088
16
BZX55C27
25.1
28.9
5.0
80
220
1.0
0.1
20
0.090
14
BZX55C30
28.0
32.0
5.0
80
220
1.0
0.1
22
0.091
13
BZX55C33
31.0
35.0
5.0
80
220
1.0
0.1
24
0.092
12
BZX55C36
34.0
38.0
5.0
80
220
1.0
0.1
27
0.093
11
BZX55C39
37.0
41.0
2.5
90
500
0.5
0.1
30
0.094
10
BZX55C43
40.0
46.0
2.5
90
600
0.5
0.1
33
0.095
9.2
BZX55C47
44.0
50.0
2.5
110
700
0.5
0.1
36
0.095
8.5
BZX55C51
48.0
54.0
2.5
125
700
0.5
0.1
39
0.096
7.8
BZX55C56
52.0
60.0
2.5
135
1000
0.5
0.1
43
0.096
7.0
BZX55C62
58.0
66.0
2.5
150
1000
0.5
0.1
47
0.096
6.4
BZX55C68
64.0
72.0
2.5
200
1000
0.5
0.1
51
0.096
5.9
BZX55C75
70.0
80.0
2.5
250
1500
0.5
0.1
56
0.096
5.3
BZX55C82
77.0
87.0
2.5
300
2000
0.5
0.1
62
0.096
4.8
BZX55C91
85.0
96.0
1.0
450
5000
0.1
0.1
68
0.096
4.4
BZX55C100
94.0
106
1.0
450
5000
0.1
0.1
75
0.096
4.0
BZX55C110
104
116
1.0
600
5000
0.1
0.1
82
0.096
3.6
BZX55C120
114
127
1.0
800
5000
0.1
0.1
91
0.096
3.3
BZX55C130
124
141
1.0
1000
5000
0.1
0.1
100
0.096
3.0
BZX55C150
138
156
1.0
1200
5000
0.1
0.1
110
0.096
2.6
BZX55C160
153
171
1.0
1500
5000
0.1
0.1
120
0.096
2.5
BZX55C180
168
191
1.0
1800
5000
0.1
0.1
130
0.096
2.2
BZX55C188
188
212
1.0
2000
5000
0.1
0.1
150
0.096
2.0
Maximum
Regulation
Current
IZM
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
NOTE: 1. Normal Tolerance ±5%.
TYPE
Nominal
Zener
Test
Current
IZT
IZK
Maximun
Surge
Current
~ 402 ~


Similar Part No. - BZX55C13

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZX55C13 WINNERJOIN-BZX55C13 Datasheet
302Kb / 5P
   Zener diode
logo
Vishay Siliconix
BZX55C13 VISHAY-BZX55C13 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Jiangsu High diode Semi...
BZX55C13 HDSEMI-BZX55C13 Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
logo
First Components Intern...
BZX55C13 FCI-BZX55C13 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C13 LUGUANG-BZX55C13 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com