Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2030W-100 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2030W-100
Description  3.3V Single-Piece 256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030W-100 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2030W-100 Datasheet HTML 3Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 4Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 5Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 6Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 7Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 8Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 9Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 10Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS2030W 3.3V Single-Piece 256k
Nonvolatile SRAM
_____________________________________________________________________
7
SUPPLY CURRENT
vs. OPERATING FREQUENCY
VCC (V)
3.5
3.3
3.4
3.2
3.1
4
2
8
12
10
6
16
18
14
20
0
3.0
3.6
5MHz 100% DUTY CYCLE
5MHz 50% DUTY CYCLE
1MHz 100% DUTY CYCLE
1MHz 50% DUTY CYCLE
TA = +25°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
3.5
3.3
3.4
3.1
3.2
130
140
150
160
170
180
120
3.0
3.6
VCC = CE
VBAT = VCHRG
BATTERY CHARGER CURRENT
vs. BATTERY VOLTAGE
DELTA BELOW VCHRG (V)
0.6
0.8
0.4
0.2
1
2
3
4
5
6
7
8
0
0
1.0
VCC = CE = 3.3V
VCHRG = 2.86V
VCHRG PERCENT CHANGE
vs. TEMPERATURE
TEMPERATURE (°C)
80
70
50 60
-10 0 10 20 30 40
-30 -20
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-40
VCC = 3.3V
VBAT = VCHRG
VTP vs. TEMPERATURE
TEMPERATURE (°C)
80
60
20
40
0
-20
2.85
2.90
2.95
3.00
2.80
-40
DQ VOH vs. DQ IOH
IOH (mA)
-1
-2
-3
-4
2.7
2.9
3.1
3.3
3.5
2.6
-5
0
VCC = 3.3V
DQ VOL vs. DQ IOL
IOL (mA)
4
13
2
0.1
0.2
0.3
0.4
0
05
VCC = 3.3V
RST OUTPUT-VOLTAGE LOW
vs. OUTPUT-CURRENT LOW
IOL (mA)
15
10
5
0.1
0.2
0.3
0.5
0.4
0.6
0
020
VCC = 2.8V
RST VOLTAGE
vs. VCC DURING POWER-UP
VCC POWER-UP (V)
3.5
2.5
3.0
1.0
1.5
2.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
04.0
TA = +25°C
Typical Operating Characteristics
(Conditions: VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030AB MAXIM-DS2030AB Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-100 MAXIM-DS2030AB-100 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-70 MAXIM-DS2030AB-70 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
More results

Similar Description - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2050W MAXIM-DS2050W Datasheet
225Kb / 12P
   DS2050W 3.3V Single-Piece 4Mb Nonvolatile SRAM
Rev 2; 10/06
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com