Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2030W-100 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2030W-100
Description  3.3V Single-Piece 256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030W-100 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2030W-100 Datasheet HTML 4Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 5Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 6Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 7Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 8Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 9Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 10Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 11Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS2030W 3.3V Single-Piece 256k
Nonvolatile SRAM
8
_____________________________________________________________________
BALLS
NAME
DESCRIPTION
A1, A2, A3, A4
GND
Ground
B1, B2, B3, B4
N.C.
No Connection
C1, C2, C3, C4
N.C.
No Connection
D1, D2, D3, D4
N.C.
No Connection
E1, E2, E3, E4
RST
Open-Drain Reset Output
F1, F2, F3, F4
VCC
Supply Voltage
G1, G2, G3, G4
WE
Write Enable Input
H1, H2, H3, H4
OE
Output Enable Input
J1, J2, J3, J4
CE
Chip Enable Input
K1, K2, K3, K4
DQ7
Data Input/Output 7
L1, L2, L3, L4
DQ6
Data Input/Output 6
M1, M2, M3, M4
DQ5
Data Input/Output 5
N1, N2, N3, N4
DQ4
Data Input/Output 4
P1, P2, P3, P4
DQ3
Data Input/Output 3
R1, R2, R3, R4
DQ2
Data Input/Output 2
T1, T2, T3, T4
DQ1
Data Input/Output 1
U1, U2, U3, U4
DQ0
Data Input/Output 0
V1, V2, V3, V4
GND
Ground
W1, W2, W3, W4
GND
Ground
Y1, Y2, Y3, Y4
GND
Ground
A17, A18, A19, A20
GND
Ground
B17, B18, B19, B20
N.C.
No Connection
C17, C18, C19, C20
N.C.
No Connection
D17, D18, D19, D20
A14
Address Input 14
E17, E18, E19, E20
A13
Address Input 13
F17, F18, F19, F20
A12
Address Input 12
G17, G18, G19, G20
A11
Address Input 11
H17, H18, H19, H20
A10
Address Input 10
J17, J18, J19, J20
A9
Address Input 9
K17, K18, K19, K20
A8
Address Input 8
L17, L18, L19, L20
A7
Address Input 7
M17, M18, M19, M20
A6
Address Input 6
BALLS
NAME
DESCRIPTION
N17, N18, N19, N20
A5
Address Input 5
P17, P18, P19, P20
A4
Address Input 4
R17, R18, R19, R20
A3
Address Input 3
T17, T18, T19, T20
A2
Address Input 2
U17, U18, U19, U20
A1
Address Input 1
V17, V18, V19, V20
A0
Address Input 0
W17, W18, W19, W20
GND
Ground
Y17, Y18, Y19, Y20
GND
Ground
A5, B5, C5, D5
N.C.
No Connection
A6, B6, C6, D6
N.C.
No Connection
A7, B7, C7, D7
N.C.
No Connection
A8, B8, C8, D8
N.C.
No Connection
A9, B9, C9, D9
N.C.
No Connection
A10, B10, C10, D10
N.C.
No Connection
A11, B11, C11, D11
N.C.
No Connection
A12, B12, C12, D12
N.C.
No Connection
A13, B13, C13, D13
N.C.
No Connection
A14, B14, C14, D14
N.C.
No Connection
A15, B15, C15, D15
N.C.
No Connection
A16, B16, C16, D16
N.C.
No Connection
U5, V5, W5, Y5
N.C.
No Connection
U6, V6, W6, Y6
N.C.
No Connection
U7, V7, W7, Y7
N.C.
No Connection
U8, V8, W8, Y8
N.C.
No Connection
U9, V9, W9, Y9
N.C.
No Connection
U10, V10, W10, Y10
N.C.
No Connection
U11, V11, W11, Y11
N.C.
No Connection
U12, V12, W12, Y12
N.C.
No Connection
U13, V13, W13, Y13
N.C.
No Connection
U14, V14, W14, Y14
N.C.
No Connection
U15, V15, W15, Y15
N.C.
No Connection
U16, V16, W16, Y16
N.C.
No Connection
Pin Description


Similar Part No. - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030AB MAXIM-DS2030AB Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-100 MAXIM-DS2030AB-100 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-70 MAXIM-DS2030AB-70 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
More results

Similar Description - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2050W MAXIM-DS2050W Datasheet
225Kb / 12P
   DS2050W 3.3V Single-Piece 4Mb Nonvolatile SRAM
Rev 2; 10/06
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com