Electronic Components Datasheet Search |
|
P4KE62 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
P4KE62 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 4 page FEATURES ● low leakage ● Uni and bidirectional unit ● Excellent clamping capability ● Plastic material has UL recognition 94V-0 ● Fast response time MECHANICAL DATA ●Case : Molded Plastic ●Marking : Unidirectional -type number and cathode band Bidirectional-type number only ●Weight : 0.34 grams Dimensions in inches and(millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL UNIT Peak Power Dissipation at TA=25℃ TP=1ms (NOTE1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75℃ Lead Lengths 0.375"(9.5mm),See Fig. 4 Maximum Instantaneous Forward Voltage at 25A for Unidirectional Devices Only (NOTE2) Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ ~ 195 ~ AMPS IFSM 40 PPK Minimum 400 WATTS -55 to + 175 See Note 3 1.0 PM(AV) GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS REVERSE VOLTAGE - 6.8 to 440Volts . POWER DISSIPATION - 400 Watts VALUE 3. VF=3.5V on P4KE6.8 thru P4KE200A devices and VF=5.0V on P4KE220A thru P4KE400A devices. NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25℃ per Fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). VF -55 to + 150 VOLTS P4KE SERIES WATTS DO- 41 .107(2.7) .080(2.0) .034(0.9) .028(0.7) DIA DIA .205(5.2) MAX 1.0(25.4) MIN. 1.0(25.4) MIN. |
Similar Part No. - P4KE62 |
|
Similar Description - P4KE62 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |