Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG715BRU Datasheet(PDF) 7 Page - Analog Devices

Part # ADG715BRU
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG715BRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG715BRU Datasheet HTML 3Page - Analog Devices ADG715BRU Datasheet HTML 4Page - Analog Devices ADG715BRU Datasheet HTML 5Page - Analog Devices ADG715BRU Datasheet HTML 6Page - Analog Devices ADG715BRU Datasheet HTML 7Page - Analog Devices ADG715BRU Datasheet HTML 8Page - Analog Devices ADG715BRU Datasheet HTML 9Page - Analog Devices ADG715BRU Datasheet HTML 10Page - Analog Devices ADG715BRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG714/ADG715
–7–
REV. B
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –3.5 V
Analog Inputs
2 . . . . . . . . . . . . . . . . . V
SS –0.3 V to VDD +0.3 V
or 30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD +0.3 V
or 30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
TSSOP Package
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 128
°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 42
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300
°C
Infrared Reflow (20 sec) . . . . . . . . . . . . . . . . . . . . . . . 235
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
ORDERING GUIDE
Model
Temperature Range
Interface
Package Description
Package Option
ADG714BRU
–40
°C to +85°C
SPI/QSPI/MICROWIRE
TSSOP
RU-24
ADG715BRU
–40
°C to +85°CI2C-Compatible
TSSOP
RU-24
PIN CONFIGURATIONS
24-Lead TSSOP
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
SYNC
RESET
DOUT
VSS
S8
D8
S7
D7
S6
D6
S5
D5
SCLK
VDD
DIN
GND
S1
D1
S2
D2
S3
D3
S4
D4
ADG714
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
A0
RESET
A1
VSS
S8
D8
S7
D7
S6
D6
S5
D5
SCL
VDD
SDA
GND
S1
D1
S2
D2
S3
D3
S4
D4
ADG715
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG714/ADG715 feature proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADG715BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715BRU-REEL AD-ADG715BRU-REEL Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715BRU-REEL7 AD-ADG715BRU-REEL7 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715BRUZ AD-ADG715BRUZ Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
More results

Similar Description - ADG715BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com